Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZP2000A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZP2000A
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZP2000A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZP2000A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZP2000A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
mΩ
A
2000
2300
2800
3400-4200
2400-3000
2400-3400
14.5
33.0
25
0.95
1.55
1.65
0.020
0.024
0.030
0.575
0.50
0.36
℃
V
V
2.10
2.17
1.60
3200
3300
3900
4000
V
kA
2000
2100
2600
4400
4500
4500
4800
5000
5700
6000
2900
6100
6100
6600
4400-5200
1200-1600
2800-3600
1400-1800
3400-4200
4400-5200
4400-5200
800-1400
5400-6500
6800-7500
800-1400
1200-1600
1800-2400
2400-3000
3400-4200
1800-2400
4400-5200
2400-3000
5400-6500
14.5
17.5
17
18
16.5
1.98
16
16
19
24.5
20.5
21.6
21.5
21
19.3
17
23.5
23
22
1.95
1.52
2.14
1.71
1.96
2.11
2.37
1.41
2.33
2.55
1.43
1.50
1.80
2.13
1.76
1.97
2.08
1.80
2.13
1.17
0.93
1.08
0.93
1.10
1.09
1.03
0.85
1.20
1.35
0.82
0.91
0.93
1.02
1.08
0.94
1.18
0.99
1.18
0.780
0.302
0.53
0.260
0.430
0.510
0.620
0.290
0.750
0.800
0.200
0.220
0.290
0.370
0.340
0.430
0.450
0.270
0.632
0.020
0.030
0.030
0.024
0.024
0.020
0.016
0.013
0.018
0.024
0.024
0.020
0.020
0.011
0.016
0.018
0.013
0.011
A
2000
2400
3000
1000
1500
2000
2400
2000
2000
2000
1500
1500
1500
2400
2400
2400
3000
3000
2000
2000
3000
1500
0.0050
0.0060
0.0080
0.0050
0.0080
0.0045
0.0080
0.0050
0.0060
0.0060
0.0045
0.0035
0.0060
0.0030
0.0060
0.0050
0.0050
0.0040
0.0035
0.0045
0.0030
K/W
K/W
30
35
30
35
35
35
50
35
35
50
45
45
50
45
50
45
45
50
50
50
50
50
KN
2700
0.0040
4200
2800-3600
1.92
1.76
2000
1.06
0.350
0.018
0.0045
45
0.018
9400
10000
1400-1800
1800-2400
25
23
1.80
2.13
0.93
1.02
0.290
0.370
0.020
0.020
3000
3000
0.0050
0.0050
45
50
7400
200-600
18
1.80
1.20
0.750
0.013
1500
0.0040
50
VRRM
IF(AV)@Tc
VFO
rF
TVJM RthjC
RthCH
安装力F
外形
Type
=100℃
&TC=25℃
@TVjm
±10%
IFSM@Tjm
&10ms
VFM@IFM
@TVjm
ZP2000A
ZP2000A
ZP2100A
ZP2300A
ZP2600A
ZP2700A
ZP2800A
ZP2900A
ZP3200A
ZP3300A
ZP3900A
ZP4000A
ZP4400A
ZP4500A
ZP4500A
ZP4800A
ZP4200A
ZP5000A
ZP5700A
ZP6000A
ZP6100A
ZP6100A
ZP6600A
ZP7400A
ZP9400A
ZP10000A
175
175
175
175
175
175
170
125
125
150
150
175
170
125
125
150
150
170
150
175
170
125
125
150
150
175
Rectifier Diodes
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20190101-P1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com