Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS889831 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS889831
Description  LOW SKEW, 1-TO-4 DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889831 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS889831 Datasheet HTML 1Page - Integrated Circuit Systems ICS889831 Datasheet HTML 2Page - Integrated Circuit Systems ICS889831 Datasheet HTML 3Page - Integrated Circuit Systems ICS889831 Datasheet HTML 4Page - Integrated Circuit Systems ICS889831 Datasheet HTML 5Page - Integrated Circuit Systems ICS889831 Datasheet HTML 6Page - Integrated Circuit Systems ICS889831 Datasheet HTML 7Page - Integrated Circuit Systems ICS889831 Datasheet HTML 8Page - Integrated Circuit Systems ICS889831 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
889831AK
www.icst.com/products/hiperclocks.html
REV. A JUNE 16, 2005
1
Integrated
Circuit
Systems, Inc.
ICS889831
LOW SKEW, 1-TO-4
DIFFERENTIAL LVPECL-TO-LVPECL/ECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS889831 is a high speed 1-to-4 Differential-
to-LVPECL/ECL Fanout Buffer and is a member
of the HiPerClockS™family of high performance
clock solutions from ICS. The ICS889831 is
optimized for high speed and very low output
skew, making it suitable for use in demanding applications
such as SONET, 1 Gigabit and 10 Gigabit Ethernet, and Fibre
Channel. The internally terminated differential input and
VREF_AC pin allow other differential signal families such as
LVDS, LVHSTL and CML to be easily interfaced to the input
with minimal use of external components. The device also has
an output enable pin which may be useful for system test
and debug purposes. The ICS889831 is packaged in a small
3mm x 3mm 16-pin VFQFN package which makes it ideal
for use in space-constrained applications.
FEATURES
• 4 differential LVPECL/ECL outputs
• IN, nIN pair can accept the following differential input levels:
LVPECL, LVDS, CML, SSTL
• 50Ω internal input termination to V
T
• Maximum output frequency: > 2.1GHz
• Output skew: 30ps (maximum)
• Part-to-part skew: 185ps (maximum)
• Additive phase jitter, RMS: 0.27ps (typical)
• Propagation delay: 570ps (maximum)
• LVPECL mode operating voltage supply range:
V
CC = 2.5V ± 5%, 3.3V ± 5%, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.3V ± 5%, 2.5V ± 5%
• -40°C to 85°C ambient operating temperature
• Lead-Free package fully RoHS compliant
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
IN
V
T
nIN
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
EN
D
Q
LE
V
REF_AC
ICS889831
16-Lead VFQFN
3mm x 3mm x 0.95 package body
K Package
Top View
Q1
nQ1
Q2
nQ2
IN
VT
VREF_AC
nIN
1
2
3
4
12
11
10
9
5
6
7
8
16 15 14 13
50
Ω
50
Ω


Similar Part No. - ICS889831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS889832 IDT-ICS889832 Datasheet
681Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS889832AK IDT-ICS889832AK Datasheet
681Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
ICS889832AKT IDT-ICS889832AKT Datasheet
681Kb / 15P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TOLVDS FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS889834 ICST-ICS889834 Datasheet
193Kb / 7P
LOW SKEW, 2-TO-4 LVCMOS/LVTTL-TO-LVPECL/ECL CLOCK MULTIPLEXER
ICS889834 ICST-ICS889834 Datasheet
70Kb / 7P
3.3V LVPECL DRIVER TERMINATION
More results

Similar Description - ICS889831

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
8533AG-01LFT IDT-8533AG-01LFT Datasheet
280Kb / 17P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
8S89831I IDT-8S89831I Datasheet
355Kb / 21P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
8S89831I IDT-8S89831I_17 Datasheet
367Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
8S89831I RENESAS-8S89831I Datasheet
658Kb / 19P
Differential LVPECL-To-LVPECL/ECL Fanout Buffer
November 9, 2017
8533I-01 RENESAS-8533I-01 Datasheet
492Kb / 19P
Low Skew, 1-to-4 Differential-to-3.3V LVPECL Fanout Buffer
7/9/15
ICS853S310I RENESAS-ICS853S310I Datasheet
1Mb / 18P
Low Skew, 1-to-8 Differential-to3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 17, 2010
IDT8T33FS314I RENESAS-IDT8T33FS314I Datasheet
933Kb / 25P
Low Skew, 1-to-4 Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
2019
853S111AI RENESAS-853S111AI Datasheet
481Kb / 21P
Skew, 1-to-10, Differential-to-LVPECL/ECL Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com