Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2201632 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2201632
Description  Socket strip - FRONT-ZFL 1,5/D32
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201632 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2201632 Datasheet HTML 1Page - PHOENIX CONTACT 2201632 Datasheet HTML 2Page - PHOENIX CONTACT 2201632 Datasheet HTML 3Page - PHOENIX CONTACT 2201632 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/us/products/2201632
06/30/2014   Page 1 / 4
Socket strip - FRONT-ZFL 1,5/D32 - 2201632
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Spring-cage socket strip, Nominal current: 4 A, Number of positions: 32, Pitch: 5.08 mm, Connection method:
Spring-cage connection, Color: green, Contact surface: Tin
 
Key commercial data
Packing unit
1 pc
Minimum order quantity
10 pc
Weight per Piece (excluding packing)
65.69 GRM
Custom tariff number
85366990
Country of origin
China
Technical data
Dimensions
Pitch
5.08 mm
General
Range of articles
FRONT-ZFL 1,5
Insulating material group
I
Rated surge voltage (II/2)
4 kV
Connection in acc. with standard
EN-VDE
Nominal current IN
4 A
Nominal voltage UN
250 V
Nominal cross section
1.5 mm²
Insulating material
PBT
Inflammability class according to UL 94
V0
Stripping length
11 mm
Number of positions
32
32


Similar Part No. - 2201632

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
22016350 BOPLA-22016350 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - 2201632

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
354867 ERNI-354867 Datasheet
49Kb / 1P
Male con. D32 solder
354868 ERNI-354868 Datasheet
48Kb / 1P
Male con. D32 solder
100600760003 ERNI-100600760003 Datasheet
58Kb / 1P
Male con. D32 solder
logo
Mill-Max Mfg. Corp.
316-91-139-41-008000 MILL-MAX-316-91-139-41-008000 Datasheet
123Kb / 3P
Interconnect Socket Elevated Strip Socket
logo
PHOENIX CONTACT
2285467 PHOENIX-2285467 Datasheet
181Kb / 4P
SFLY 2,5/D32
2285593 PHOENIX-2285593 Datasheet
114Kb / 4P
FRONT-SFL 2,5/D32
1707742 PHOENIX-1707742 Datasheet
149Kb / 6P
FRONT 1,5-V-3,81
2285580 PHOENIX-2285580 Datasheet
290Kb / 4P
Socket strip - FRONT-SFL 2,5/F32/ZD
2285302 PHOENIX-2285302 Datasheet
59Kb / 3P
Socket strip - SFL (2,8-0,8)D32
5027761 PHOENIX-5027761 Datasheet
51Kb / 2P
Socket strip - FEDERLEISTE D32 (AC)
09/12/2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com