Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2201632 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2201632
Description  Socket strip - FRONT-ZFL 1,5/D32
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2201632 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2201632 Datasheet HTML 1Page - PHOENIX CONTACT 2201632 Datasheet HTML 2Page - PHOENIX CONTACT 2201632 Datasheet HTML 3Page - PHOENIX CONTACT 2201632 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/us/products/2201632
06/30/2014   Page 2 / 4
Socket strip - FRONT-ZFL 1,5/D32 - 2201632
Technical data
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
14
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440490
eCl@ss 8.0
27440490
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002498
ETIM 5.0
EC002643
UNSPSC
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Approvals
Approvals
Approvals
UL Recognized / cUL Recognized / GOST / GOST / cULus Recognized



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com