Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR18UB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SR18UB
Description  SmartRack 18U Mid-Depth Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR18UB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SR18UB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR18UB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR18UB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
desired location, and then secured in place by adjusting the unit’s levelers. Note: the casters are intended
for minor position adjustments within the final installation area only and are not designed for moving the
enclosure over long distances.
Features
18U mid-depth enclosure
q
Adjustable mounting depths from 3" to 32.5" inches
q
Locking, reversible front and rear doors
q
Locking, removable side panels
q
Top and bottom panel cable access openings
q
Fully assembled for quick installation
q
Casters and leveling feet
q
Meets all enclosure requirements towards PCI DSS (Payment Card Industry Data Security Standard)
compliance
q
OVERVIEW
UPC Code
037332178039
PHYSICAL
Rack Height
18U
Maximum Device Depth (in.)
32.5
Maximum Device Depth (cm)
82.55
Minimum Device Depth (in.)
3
Minimum Device Depth (cm)
7.62
Shipping Dimensions (hwd / in.)
41.00 x 24.00 x 34.00
Shipping Dimensions (hwd / cm)
104.14 x 60.96 x 86.36
Shipping Weight (lbs.)
123.00
Shipping Weight (kg)
55.79
Unit Dimensions (hwd / in.)
35.6 x 23.63 x 33.5
Unit Dimensions (hwd / cm)
90.42 x 60 x 85.09
Unit Weight (lbs.)
105
Unit Weight (kg)
47.63
Color
Black
Weight Capacity - Stationary (lbs.)
1000
Weight Capacity - Rolling (lbs.)
1000
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com