Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR18UB Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR18UB
Description  SmartRack 18U Mid-Depth Rack Enclosure Cabinet
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR18UB Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR18UB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR18UB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR18UB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2019 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
https://www.tripplite.com/products/product-certification-agencies
Weight Capacity - Stationary (kg)
454
Weight Capacity - Rolling (kg)
454
Factory Preset Rack Depth (in.)
28.31
Factory Preset Rack Depth (cm)
71.9
Cable Access Hole Measurement
(inches)
9.812 x 2.35 (l x w)
Factory Preset Rack Depth (mm)
719
Maximum Device Depth (mm)
826
Minimum Device Depth (mm)
76
SPECIAL FEATURES
Grounding Lug
Front and Back door frames
CERTIFICATIONS
Certifications
RoHS; UL/CSA 60950-1; IP20 Protection Rating
Approvals
EIA/ECA-310-E
WARRANTY
Product Warranty Period
(Worldwide)
5-year limited warranty
3 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com