Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR45UBWD Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # SR45UBWD
Description  45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UBWD Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  SR45UBWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
enclosure frame on the inside or outside of the rack.
Meets all enclosure requirements towards PCI DSS (Payment Card Industry Data Security Standard)
Compliance
q
Compatibility with airflow optimization accessories as well as cable management accessories.
q
OVERVIEW
UPC Code
037332175038
PHYSICAL
Rack Height
45U
Maximum Device Depth (in.)
37
Maximum Device Depth (cm)
93.98
Minimum Device Depth (in.)
4
Minimum Device Depth (cm)
10.16
Shipping Dimensions (hwd / in.)
90.30 x 31.00 x 45.00
Shipping Dimensions (hwd / cm)
229.36 x 78.74 x 114.30
Shipping Weight (lbs.)
390.00
Shipping Weight (kg)
176.90
Unit Dimensions (hwd / in.)
83.75 x 29.53 x 43
Unit Dimensions (hwd / cm)
212.725 x 75.01 x 109.22
Unit Weight (lbs.)
340
Unit Weight (kg)
154.22
Color
Black
Weight Capacity - Stationary (lbs.)
3000
Weight Capacity - Rolling (lbs.)
2250
Weight Capacity - Stationary (kg)
1,361
Weight Capacity - Rolling (kg)
1,021
Factory Preset Rack Depth (in.)
27.75
Factory Preset Rack Depth (cm)
70.5
Factory Preset Rack Depth (mm)
705
Maximum Device Depth (mm)
940
Minimum Device Depth (mm)
102
SPECIAL FEATURES
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com