Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR45UBWD Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SR45UBWD
Description  45U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors & side panels
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SR45UBWD Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SR45UBWD Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SR45UBWD Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
45U SmartRack Wide Standard-Depth Rack
Enclosure Cabinet with doors & side panels
MODEL NUMBER: SR45UBWD
Description
The SR45UBWD is a WIDE version of our standard 45U SmartRack. This enclosure is 750mm wide (30")
compared to the standard 600mm wide (24"). This extra width allows for high density equipment
installations. It allows cable management and PDU mounting off to the sides of the rack in order to keep
these items out of the airflow for proper cooling.
The SR45UBWD features a massive front-to rear-ventilation capacity that meets or exceeds server
manufacturer requirements. Its integrated baying tabs make it easy to combine multiple enclosures in
rows for data center applications. This enclosure is also compatible with hot-aisle/cold-aisle
configurations.
With its locking, reversible, removable front and rear doors, and locking, removable side panels, the
SR45UBWD provides ultimate equipment safety. The side panels are half size for ease of removal and
reinstallation. The split rear door design allows the enclosure to be placed closer to a wall. The
SR45UBWD meets all requirements toward PCI DSS compliance.
The top panel of the SR45UBWD is vented to help remove warm air from the enclosure and draw in cool
air by convection. The top panel includes ports for cable routing, and can be quickly removed without
tools. To facilitate cable access, the SR45UBWD is open-bottom.
All components of the SR45UBWD are grounded to the enclosure frame. Front and rear threaded
grounding points are provided for connection to the facility earth ground. The removable front and rear
doors feature quick-release ground wires.
It houses 3000 lb of standard 19-inch rack equipment in 45U. To simplify deployment, the SR45UBWD
comes with preinstalled casters that enable it to be easily maneuvered into the desired location, where it
Highlights
45U SmartRack enclosure with
doors and side panels
q
4 interior vertical posts with
unthreaded square hole
openings
q
30" (750mm) width for
optimizing airflow through
cabinet
q
Standard 42" (1050mm) depth
q
Ships fully assembled
q
Massive front to rear ventilation
capacity
q
3000 lb stationary / 2250 lb
rolling load capacity
q
Locking, removable, reversible
front and rear doors
q
Locking, removable side panels
keyed alike with doors
q
Meets all enclosure
requirements towards PCI DSS
(Payment Card Industry Data
Security Standard) Compliance
q
Package Includes
SR45UBWD Rack Enclosure
q
(4) Side panels
q
(4) Side panel locks
q
(2) Door & side panel keys
q
(50) M6 screws
q
(50) M6 cage nuts
q
(50) M6 washers
q
Owner's Manual
q
1 / 4


Similar Part No. - SR45UBWD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR45UBWDSP1 TRIPPLITE-SR45UBWDSP1 Datasheet
524Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure
SR45UBWDVRT TRIPPLITE-SR45UBWDVRT Datasheet
525Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure Cabinet, Pre-Installed SRCABLEVRT3 with sides and doors
More results

Similar Description - SR45UBWD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SR42UBWD TRIPPLITE-SR42UBWD Datasheet
553Kb / 3P
42U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR45UB TRIPPLITE-SR45UB Datasheet
513Kb / 4P
45U SmartRack Standard-Depth Server Rack Enclosure Cabinet with doors and side panels
SR45UBDP TRIPPLITE-SR45UBDP Datasheet
519Kb / 3P
45U SmartRack Deep Rack Enclosure Cabinet with doors and side panels
SR45UBDPWD TRIPPLITE-SR45UBDPWD Datasheet
522Kb / 3P
45U SmartRack Deep and Wide Rack Enclosure Cabinet with doors and side panels
SR45UBEXP TRIPPLITE-SR45UBEXP Datasheet
484Kb / 3P
45U SmartRack Standard-Depth Rack Enclosure Cabinet - side panels not included
SR45UBMD TRIPPLITE-SR45UBMD Datasheet
515Kb / 4P
45U SmartRack Mid-Depth Rack Enclosure Cabinet with doors and side panels
SR45UBSD TRIPPLITE-SR45UBSD Datasheet
514Kb / 3P
45U SmartRack Shallow-Depth Rack Enclosure Cabinet with doors and side panels
SR48UB TRIPPLITE-SR48UB Datasheet
482Kb / 3P
48U SmartRack Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR48UBWD TRIPPLITE-SR48UBWD Datasheet
531Kb / 4P
48U SmartRack Wide Standard-Depth Rack Enclosure Cabinet with doors and side panels
SR42UW TRIPPLITE-SR42UW Datasheet
166Kb / 4P
42U SmartRack White Standard-Depth Rack Enclosure Cabinet with doors & side panels
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com