Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L06ALTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # LIS3L06ALTR
Description  MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L06ALTR Datasheet(HTML) 1 Page - STMicroelectronics

  LIS3L06ALTR Datasheet HTML 1Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 2Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 3Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 4Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 5Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 6Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 7Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 8Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev 1
September 2005
CD00068498
1/17
17
LIS3L06AL
MEMS INERTIAL SENSOR:
3-axis - +/-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
Features
■ 2.4V TO 3.6V SINGLE SUPPLY OPERATION
■ LOW POWER CONSUMPTION
■
±2g/±6g USER SELECTABLE FULL-SCALE
■ 0.5mg RESOLUTION OVER 100Hz
BANDWIDTH
■ EMBEDDED SELF TEST
■ OUTPUT VOLTAGE, OFFSET AND
SENSITIVITY RATIOMETRIC TO THE
SUPPLY VOLTAGE
■ HIGH SHOCK SURVIVABILITY
■ ECO-PACK COMPLIANT
Description
The LIS3L06AL is a low-power 3-axis linear
capacitive accelerometer that includes a sensing
element and an IC interface able to take the
information from the sensing element and to
provide an analog signal to the external world.
The sensing element, capable of detecting the
acceleration, is manufactured using a dedicated
process developed by ST to produce inertial
sensors and actuators in silicon.
The IC interface is manufactured using a standard
CMOS process that allows high level of integration
to design a dedicated circuit which is trimmed to
better match the sensing element characteristics.
The LIS3L06AL has a dynamically selectable full
scale of
±2g/±6g and it is capable of measuring
accelerations over a bandwidth of 1.5 kHz for all
axes. The device bandwidth may be reduced by
using external capacitances. A self-test capability
allows to check the mechanical and electrical
signal path of the sensor.
The LIS3L06AL is available in plastic SMD
package and it is guaranteed to operate over an
extended temperature range of -40°C to +85°C.
The LIS3L06AL belongs to a family of products
suitable for a variety of applications:
– Mobile terminals
– Gaming and Virtual Reality input devices
– Free-fall detection for data protection
– Antitheft systems and Inertial Navigation
– Appliance and Robotics.
Order codes
LGA-8
Part number
Temp range,
°C
Package
Packing
LIS3L06AL
-40°C to +85°C
LGA-8
Tray
LIS3L06ALTR
-40°C to +85°C
LGA-8
Tape & Reel
www.st.com


Similar Part No. - LIS3L06ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3L06ALTR STMICROELECTRONICS-LIS3L06ALTR Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
03-May-2006
More results

Similar Description - LIS3L06ALTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LIS3LV02DQ STMICROELECTRONICS-LIS3LV02DQ Datasheet
379Kb / 42P
MEMS INERTIAL SENSOR 3-Axis - -2g/-6g Digital Output Low Voltage Linear Accelerometer
07-Oct-2005
LIS2L02AL STMICROELECTRONICS-LIS2L02AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /-2g ULTRACOMPACT LINEAR ACCELEROMETER
26-Sep-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL Datasheet
181Kb / 17P
MEMS INERTIAL SENSOR: 2-axis - /- 2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
2005-Sep-26
LIS3L02AL STMICROELECTRONICS-LIS3L02AL Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR: 3-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS3L02AS5 STMICROELECTRONICS-LIS3L02AS5 Datasheet
153Kb / 14P
MEMS INERTIAL SENSOR: 3-axis - 짹2g/6g LINEAR ACCELEROMETER
01-Dec-2005
LIS2L06AL STMICROELECTRONICS-LIS2L06AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /- 2g/6g ultracompact linear accelerometer
03-May-2006
LIS2L02AL STMICROELECTRONICS-LIS2L02AL_06 Datasheet
198Kb / 17P
MEMS INERTIAL SENSOR:2-axis - /-2g ultracompact linear accelerometer
03-May-2006
LIS2L02AQ STMICROELECTRONICS-LIS2L02AQ_04 Datasheet
168Kb / 9P
INERTIAL SENSOR-2Axis - 2g/6g LINEAR ACCELEROMETER
Nov-2004
LIS3L06AL STMICROELECTRONICS-LIS3L06AL_06 Datasheet
211Kb / 17P
MEMS INERTIAL SENSOR-3-axis - /-2g/6g ultracompact linear accelerometer
03-May-2006
LIS344AL STMICROELECTRONICS-LIS344AL Datasheet
170Kb / 15P
MEMS inertial sensor 3-axis ultracompact linear accelerometer
17-Dec-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com