Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LIS3L06ALTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # LIS3L06ALTR
Description  MEMS INERTIAL SENSOR: 3-axis - /-2g/6g ULTRACOMPACT LINEAR ACCELEROMETER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS3L06ALTR Datasheet(HTML) 4 Page - STMicroelectronics

  LIS3L06ALTR Datasheet HTML 1Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 2Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 3Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 4Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 5Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 6Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 7Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 8Page - STMicroelectronics LIS3L06ALTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
1 Block Diagram & Pins Description
LIS3L06AL
4/17
CD00068498
Table 1.
Pin description
Pin #
Pin Name
Function
1
ST
Self Test (Logic 0: normal mode; Logic 1: Self-test)
2
Voutz
Output Voltage Z channel
3
GND
0V supply
4
Reserved
Leave unconnected
5
FS
Full Scale (Logic 0:2g Full scale; Logic1: 6g Full Scale)
6
Vouty
Output Voltage Y channel
7
Voutx
Output Voltage X channel
8
Vdd
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com