Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89C60X2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P89C60X2
Description  80C51 8-bit Flash microcontroller family
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89C60X2 Datasheet(HTML) 3 Page - NXP Semiconductors

  P89C60X2 Datasheet HTML 1Page - NXP Semiconductors P89C60X2 Datasheet HTML 2Page - NXP Semiconductors P89C60X2 Datasheet HTML 3Page - NXP Semiconductors P89C60X2 Datasheet HTML 4Page - NXP Semiconductors P89C60X2 Datasheet HTML 5Page - NXP Semiconductors P89C60X2 Datasheet HTML 6Page - NXP Semiconductors P89C60X2 Datasheet HTML 7Page - NXP Semiconductors P89C60X2 Datasheet HTML 8Page - NXP Semiconductors P89C60X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Philips Semiconductors
Product data
P89C60X2/61X2
80C51 8-bit Flash microcontroller family
64KB Flash, 512B/1024B RAM
2003 Sep 11
3
FEATURES
• 80C51 Central Processing Unit
– 64 kbytes Flash
– 512 bytes RAM (P89C60X2)
– 1024 bytes RAM (P89C61X2)
– Boolean processor
– Fully static operation
• In-System Programmable (ISP) Flash memory
• 12-clock operation with selectable 6-clock operation (via software
or via parallel programmer)
• Memory addressing capability
– Up to 64 kbytes ROM and 64 kbytes RAM
• Power control modes:
– Clock can be stopped and resumed
– Idle mode
– Power-down mode
• Two speed ranges
– 0 to 20 MHz with 6-clock operation
– 0 to 33 MHz with 12-clock operation
• LQFP, PLCC, and DIP packages
• Dual Data Pointers
• Three security bits
• Four interrupt priority levels
• Six interrupt sources
• Four 8-bit I/O ports
• Full-duplex enhanced UART
– Framing error detection
– Automatic address recognition
• Three 16-bit timers/counters T0, T1 (standard 80C51) and
additional T2 (capture and compare)
• Programmable clock-out pin
• Watchdog timer
• Asynchronous port reset
• Low EMI (inhibit ALE, 6-clock mode)
• Wake-up from Power Down by an external interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com