Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4631 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631 Datasheet(HTML) 2 Page - Texas Instruments

  THS4631 Datasheet HTML 1Page - Texas Instruments THS4631 Datasheet HTML 2Page - Texas Instruments THS4631 Datasheet HTML 3Page - Texas Instruments THS4631 Datasheet HTML 4Page - Texas Instruments THS4631 Datasheet HTML 5Page - Texas Instruments THS4631 Datasheet HTML 6Page - Texas Instruments THS4631 Datasheet HTML 7Page - Texas Instruments THS4631 Datasheet HTML 8Page - Texas Instruments THS4631 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
2
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 4
7.5
Electrical Characteristics: 10 V ................................. 5
7.6
Electrical Characteristics: 24 V ................................. 7
7.7
Electrical Characteristics: 5 V ................................... 9
7.8
Typical Characteristics: VS = 10 V .......................... 11
7.9
Typical Characteristics: VS = 24 V .......................... 14
7.10
Typical Characteristics: VS = 5 V .......................... 17
7.11
Typical Characteristics: ±2.375-V to ±12-V Split
Supply ...................................................................... 19
8
Detailed Description ............................................ 22
8.1
Overview ................................................................. 22
8.2
Functional Block Diagram ....................................... 22
8.3
Feature Description................................................. 23
8.4
Device Functional Modes........................................ 24
9
Application and Implementation ........................ 25
9.1
Application Information............................................ 25
9.2
Typical Applications ................................................ 30
10
Power Supply Recommendations ..................... 34
11
Layout................................................................... 34
11.1
Layout Guidelines ................................................. 34
11.2
Layout Example .................................................... 36
12
Device and Documentation Support ................. 37
12.1
Documentation Support ........................................ 37
12.2
Receiving Notification of Documentation Updates 37
12.3
Community Resources.......................................... 37
12.4
Trademarks ........................................................... 37
12.5
Electrostatic Discharge Caution ............................ 37
12.6
Glossary ................................................................ 37
13
Mechanical, Packaging, and Orderable
Information ........................................................... 38
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (August 2019) to Revision A
Page
•
Changed document status from advance information to production data ............................................................................. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com