Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS4631 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS4631
Description  OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4631 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4631 Datasheet HTML 4Page - Texas Instruments THS4631 Datasheet HTML 5Page - Texas Instruments THS4631 Datasheet HTML 6Page - Texas Instruments THS4631 Datasheet HTML 7Page - Texas Instruments THS4631 Datasheet HTML 8Page - Texas Instruments THS4631 Datasheet HTML 9Page - Texas Instruments THS4631 Datasheet HTML 10Page - Texas Instruments THS4631 Datasheet HTML 11Page - Texas Instruments THS4631 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
OPA810
SBOS799A – AUGUST 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: OPA810
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics: 24 V (continued)
Test conditions unless otherwise noted: TA = 25°C, VS+ = 12 V, VS– = –12 V, common-mode voltage (VCM) = mid-supply, RL =
1 kΩ connected to mid-supply
(1).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Test
Level(2)
(4)
Change in input offset from its value when input is biased to midsupply.
(5)
Change in supply voltage from the default test condition with only one of the positive or negative supplies changing corresponding to
+PSRR and -PSRR.
INPUT
Allowable input differential
voltage
see Figure 54
±7
V
C
Common-mode input
impedance
In closed-loop configuration
12 || 2.5
GΩ||pF
C
Differential input capacitance
In open-loop configuration
0.5
pF
C
Most positive input voltage
ΔVOS < 5 mV
(4)
VS+ + 0.2
VS+ + 0.3
V
A
Most negative input voltage
ΔVOS < 5 mV
(4)
VS– – 0.2
VS– – 0.3
V
A
Most positive input voltage
for main-JFET stage
See Figure 33
VS+ – 2.9
VS+ – 2.5
V
C
OUTPUT
VOCRH
Output voltage range high
RL = 667 Ω
VS+ – 0.33 VS+ – 0.22
V
A
TA = –40°C to +125°C, RL = 667 Ω
VS+ – 0.36
B
VOCRL
Output voltage range low
RL = 667 Ω
VS– + 0.15
VS– +
0.23
V
A
TA = –40°C to +125°C, RL = 667 Ω
VS– +
0.33
B
IO(max)
Linear output drive (sourcing
and sinking)
Vo = 7.25 V, RL = 151 Ω, ΔVOS < 1 mV
48
64
mA
A
ISC
Output short-circuit current
108
mA
B
CL
Capacitive load drive
< 3-dB peaking, RS = 0 Ω
10
pF
C
POWER SUPPLY
IQ
Quiescent current per
channel
3.8
4.7
mA
A
PSRR
Power supply rejection ratio
ΔVS = ±2 V
(5)
90
105
dB
A
TA = –40°C to +125°C
90
B
AUXILIARY CMOS INPUT STAGE
Gain-bandwidth product
27
MHz
C
Input-referred voltage noise
f = 1 MHz
20
nV/
√Hz
C
Input offset voltage
VCM = VS+ – 1.5 V, no load
1.6
mV
A
Input bias current
VCM = VS+ – 1.5 V
2
24
pA
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com