Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB216 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB216 Datasheet HTML 1Page - Texas Instruments TUSB216 Datasheet HTML 2Page - Texas Instruments TUSB216 Datasheet HTML 3Page - Texas Instruments TUSB216 Datasheet HTML 4Page - Texas Instruments TUSB216 Datasheet HTML 5Page - Texas Instruments TUSB216 Datasheet HTML 6Page - Texas Instruments TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
4
SDA
3
5
6
9
10
11
12
1
8
7
SCL/CD
RSTZ
BOOST
D2P
D2M
RX_SEN/ENA_HS
GND
CDP_ENZ
VCC
D1M
D1P
2
No t to scale
3
TUSB216
www.ti.com
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
TUSB216RWB
12-Pin X2QFN
Top View
(1)
Pull-down and pull-up resistors for RX_SEN pin must follow RRXSEN1 and RRXSEN2 resistor recommendations in non I
2C mode.
(2)
Pull-up resistors for SDA and SCL pins in I2C mode should be RPull-up (depending on I2C bus voltage). If both SDA and SCL are pulled
up at power-up the device enters into I2C mode.
Pin Functions
PIN
I/O
INTERNAL
PULLUP/PULLDOWN
DESCRIPTION
NAME
NO.
BOOST
6
I
N/A
USB High-speed boost select via external pull down resistor.
Both edge boost and DC boost are controlled by a single pin in non-
I2C mode. In I2C mode edge boost and DC boost can be individually
controlled.
Sampled upon power up. Does not recognize real time adjustments.
Auto selects BOOST LEVEL = 3 when left floating.
CDP_ENZ
11
I
500 k
Ω PU
Set CDP_ENZ is low to enable BC 1.2 CDP controller
RX_SEN(1)/ENA_HS
9
I/O
N/A
In I2C mode:
Reserved for TI test purpose.
In non-I2C mode:
At reset: 3-level input signal RX_SEN. USB High-speed RX
Sensitivity Setting to Compensate ISI Jitter
H (pin is pulled high) – high RX sensitivity (high loss channel)
M (pin is left floating) – medium RX sensitivity (medium loss channel)
L (pin is pulled low) – low RX sensitivity (low loss channel)
After reset: Output signal ENA_HS. Flag indicating that channel is in
High-speed mode. Asserted upon:
1. Detection of USB-IF High-speed test fixture from an unconnected
state followed by transmission of USB TEST_PACKET pattern.
2. Squelch detection following USB reset with a successful HS
handshake [HS handshake is declared to be successful after single
chirp J chirp K pair where each chirp is within 18 μs – 128 μs].
D2P
7
I/O
N/A
USB High-speed positive port.
D2M
8
I/O
N/A
USB High-speed negative port.
GND
10
P
N/A
Ground
D1M
1
I/O
N/A
USB High-speed negative port..
D1P
2
I/O
N/A
USB High-speed positive port.
SDA(2)
3
I/O
500 k
Ω PU
1.8 M
Ω PD
I2C Mode:
Bidirectional I2C data pin [7-bit I2C slave address = 0x2C].
In non I2C mode:
Reserved for TI test purpose.
VCC
12
P
N/A
Supply power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com