Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB216 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB216
Description  TUSB216 USB 2.0 High-speed Signal Conditioner With Battery Charging Controller
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB216 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB216 Datasheet HTML 3Page - Texas Instruments TUSB216 Datasheet HTML 4Page - Texas Instruments TUSB216 Datasheet HTML 5Page - Texas Instruments TUSB216 Datasheet HTML 6Page - Texas Instruments TUSB216 Datasheet HTML 7Page - Texas Instruments TUSB216 Datasheet HTML 8Page - Texas Instruments TUSB216 Datasheet HTML 9Page - Texas Instruments TUSB216 Datasheet HTML 10Page - Texas Instruments TUSB216 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7
TUSB216
www.ti.com
SLLSEZ6A – FEBRUARY 2019 – REVISED DECEMBER 2019
Product Folder Links: TUSB216
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
CI2C_BUS
I2C Bus Capacitance
4
150
pF
IOL
I2C open drain output current
VOL = 0.4V
1.5
mA
VIL
2.3V<= VCC<= 4.3V, VI2C_BUS =
1.8V +/-10%
RPull-up =1.6kΩ to 2.5kΩ, % of VI2C_BUS
25
%
VIL
VI2C_BUS = 3.3V +/-10%
RPull-up =2.8kΩ to 7kΩ, % of VI2C_BUS
25
%
VIH
2.3V<= VCC<= 4.3V, VI2C_BUS =
1.8V +/-10%
RPull-up =1.6kΩ to 2.5kΩ, % of VI2C_BUS
80
%
VIH
VI2C_BUS = 3.3V +/-10%
RPull-up =2.8kΩ to 7kΩ, % of VI2C_BUS
75
%
RPull-up
VI2C_BUS = 1.8V +/-10%
1.6
2
2.5
k
Ω
RPull-up
VI2C_BUS = 3.3V +/-10%
2.8
4.7
7
k
Ω
SCL Frequency
100
kHz
DxP, DxM
CIO_DXX
Capacitance to GND
Measured with VNA at 240 MHz,
VCC supply stable, Redriver off
2.5
pF
(1)
All typical values are at VCC = 5 V, and TA = 25°C.
6.6 Switching Characteristics
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
DxP, DxM USB Signals
FBR_DXX
Bit Rate
USB channel = HS mode. 480 Mbps
traffic. VCC supply stable
480
Mbps
tR/F_DXX
Rise/Fall time
100
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com