Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTA1952 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTA1952
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1952 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTA1952 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1952 Datasheet HTML 2Page - First Silicon Co., Ltd FTA1952 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2014. 04. 17
2/3
FTA1952
Revision No : 0
ELECTRICAL CHARACTERISTICS (Ta=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
(BR)CBO
IC=-50μA,IE=0
-100
V
Collector-emitter breakdown voltage
(BR)CEO
IC=-1mA,IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-50μA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-100V,IE=0
-10
μA
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-10
μA
hFE(1)
*
VCE=-2V, IC=-1A
120
270
DC current gain
hFE(2)
*
VCE=-2V, IC=-3A
40
IC=-3A,IB=-0.15A
-0.3
V
Collector-emitter saturation voltage
VCE(sat)
*
IC=-4A,IB=-0.2A
-0.5
V
IC=-3A,IB=-0.15A
-1.2
V
Base-emitter saturation voltage
VBE(sat)
*
IC=-4A,IB=-0.2A
-1.5
V
Collector output capacitance
Cob
VCB=-10V,IE=0, f=1MHz
130
pF
Transition frequency
fT
*
VCE=-10V,IC=-0.5A,
f=30MHz
80
MHz
Turn-on time
ton
VCC=-30V,
IC=-3A,IB1=-IB2=150mA
0.3
μs
Storage time
tS
1.5
μs
Fall time
tf
0.3
μs
Notes:
1. Pulse Test : Pulse Width≤300µs, duty cycle ≤2%.
V
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com