Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTA1952 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTA1952
Description  TRANSISTOR (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTA1952 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTA1952 Datasheet HTML 1Page - First Silicon Co., Ltd FTA1952 Datasheet HTML 2Page - First Silicon Co., Ltd FTA1952 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2014. 04. 17
3/3
FTA1952
Revision No : 0
-0.1
-1
-10
10
100
1000
10000
-0 -100 -200 -300 -400 -500 -600 -700 -800 -900 -1000 -1100 -1200 -1300 -1400
-10
-100
-1000
0
25
50
75
100
125
150
0
250
500
750
1000
1250
-100
-200
-300
-400
-500
-600
-700
-800
-900
-1000
-1100
-1200
-100
-1000
-0
-20
-40
-60
-80
-100
-120
-140
-160
-180
-200
-220
-240
-260
-280
-300
-10
-100
-1000
10
100
1000
-0.0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
-5.5
-6.0
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-2.2
-2.4
-2.6
-2.8
-3.0
-3.2
-3.4
-3.6
-3.8
-4.0
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB/ VEB
C
ob/ Cib
——
-30
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
V
BE
COMMON EMITTER
V
CE=-2V
AMB ENT TEMPERATURE T
a
( )
℃
P
C
—— T
a
——
COLLECTOR CURRENT I
C
(mA)
β=20
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
β=20
-5000
-5000
-5000
-5000
COLLECTOR CURRENT I
C
(mA)
COMMON EMITTER
V
CE=-2V
T
a=25
℃
T
a=100
℃
I
C
h
FE
——
-20mA
-18mA
-16mA
-14mA
-12mA
-10mA
-8mA
-6mA
-4mA
I
B=-2mA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
Typical Characteristics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com