Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5368 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS5368 Datasheet HTML 20Page - Cirrus Logic CS5368 Datasheet HTML 21Page - Cirrus Logic CS5368 Datasheet HTML 22Page - Cirrus Logic CS5368 Datasheet HTML 23Page - Cirrus Logic CS5368 Datasheet HTML 24Page - Cirrus Logic CS5368 Datasheet HTML 25Page - Cirrus Logic CS5368 Datasheet HTML 26Page - Cirrus Logic CS5368 Datasheet HTML 27Page - Cirrus Logic CS5368 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
28
DS624A1
CS5368
4.6.6
Using DIF1 and DIF0 to Set Serial Audio Interface Format
The format of the data at the Serial Audio Interface ports is controlled by the settings of the DIF1 and DIF0
pins in standalone mode, or by the DIF[1] and DIF[0] bits in the Global Mode Control Register in Control-
Port Mode.
.
Table 3. DIF1 and DIF0 Pin Settings
4.6.7
Master Mode Audio Clocking
Figure 11. "Master Mode Clock Dividers" shows the configuration of the MCLK dividers and the sample
rate dividers while in Master Mode.
Figure 11. Master Mode Clock Dividers
4.6.8
Slave Mode Audio Clocking
In Slave Mode, the sampling rate is auto-set by examining the incoming MCLK and LRCK/FS signals.
LRCK/FS and SCLK operate as inputs in Slave Mode. It is recommended that the LRCK/FS be synchro-
nously derived from the Master clock, and it must be equal to the desired sampling rate, Fs.
DIF1
DIF0
Mode
0
0
Left Justified
01
I²S
1
0
TDM (2 wire)
1
1
TDM (4 wire)
÷ 1 2 8
÷ 6 4
M0
M1
LR C K /
F S
S ingle
Sp e e d
Qu a d
Sp e e d
D ouble
Sp e e d
00
01
10
÷ 2
÷ 4
÷ 1
SC L K
Sin g le
S peed
Q uad
S peed
D ouble
S peed
00
01
10
÷ 2 5 6
pin
CM O D E
MD I V
n/ a
MC L K
÷ 1
÷ 1. 5
÷ 2
÷ 1
÷ 2
÷ 1
bit
CM O D E
MD IV 1
MD IV 0
0/ 1
0 / 1
0 / 1
M C L K
DIV ID E RS
S A M P L E
RA T E
DIV ID E RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com