Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5368 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5368 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5368 Datasheet HTML 23Page - Cirrus Logic CS5368 Datasheet HTML 24Page - Cirrus Logic CS5368 Datasheet HTML 25Page - Cirrus Logic CS5368 Datasheet HTML 26Page - Cirrus Logic CS5368 Datasheet HTML 27Page - Cirrus Logic CS5368 Datasheet HTML 28Page - Cirrus Logic CS5368 Datasheet HTML 29Page - Cirrus Logic CS5368 Datasheet HTML 30Page - Cirrus Logic CS5368 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
DS624A1
31
CS5368
4.7.1
LJ and I²S FORMAT
The left-justified and I²S formats are both two-channel protocols. During one LRCK period, two channels
of data are transmitted, odd channels first, then even. The MSB is always clocked out first.
In Slave Mode, if more than 32 SCLKs per channel are received from a Master controller, the CS5368 will
fill the longer frame with trailing zeroes. If fewer than 24 SCLKs per channel are received from a Master,
the CS5368 will truncate the serial data output to the number of SCLKs received.
4.7.2
TDM Format
In TDM Mode, all eight channels of audio data are serially clocked out during a single Frame Sync (FS)
cycle. The rising edge of FS signifies the start of a new TDM frame cycle. Each channel slot occupies 32
SCLKs, with the data left justified and with MSB first. TDM output data should both be latched on the rising
edge of SCLK within the specified setup and hold times.
To achieve maximum noise performance, SDOUT2/TDM should be loaded in the same manner as
SDOUT1/TDM. For the same reason, it is also recommended that the serial clock be synchronously de-
rived from the Master clock and be equal to 256xFS.
4.8
Overflow Detection
4.8.1
Stand-Alone Mode
The CS5368 includes overflow detection on all input channels. In Stand-Alone Mode, this information is
presented as open drain, active low on the OVFL pin. The pin will go to a logical low as soon as an over-
range condition in any channel is detected. The data will remain low, then timeout as specified in "Over-
flow Timeout" on page 19. After the timeout, the OVFL pin will return to a logical high if there has not been
any other overrange condition detected. Note that an overrange condition on any channel will restart the
timeout period.
4.8.2
Control-Port Mode
In Control-Port mode, the Overflow Status Register interacts with the Overflow Mask Register to provide
interrupt capability for each individual channel. See page 36 for details on these two registers.
4.9
Control Port Operation
The Control Port is used to read and write the internal device registers. It supports two industry standard
formats, I²C and SPI. The part is in I²C format by default. SPI mode is selected if there is ever a high-to-low
transition on the AD0/CS pin after the RST pin has been brought high.
4.9.1
SPI Mode
In SPI mode, CS is the CS5368 chip select signal; CCLK is the control port bit clock (input into the CS5368
from a controller); CDIN is the input data line from a controller; CDOUT is the output data line to a con-
troller. Data is clocked in on the rising edge of CCLK and is supplied on the falling edge of CCLK.
To write to a register, bring CS low. The first seven bits on CDIN form the chip address and must be
1001111. The eighth bit is a read/write indicator (R/W), which should be low to write. The next eight bits
form the Memory Address Pointer (MAP), which is set to the address of the register that is to be updated.
The next eight bits are the data which will be placed into the register designated by the MAP. During
writes, the CDOUT output stays in the Hi-Z state. It may be externally pulled high or low with a 47 k
Ω re-
sistor, if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com