Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5368 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 2 Page - Cirrus Logic

  CDB5368 Datasheet HTML 1Page - Cirrus Logic CDB5368 Datasheet HTML 2Page - Cirrus Logic CDB5368 Datasheet HTML 3Page - Cirrus Logic CDB5368 Datasheet HTML 4Page - Cirrus Logic CDB5368 Datasheet HTML 5Page - Cirrus Logic CDB5368 Datasheet HTML 6Page - Cirrus Logic CDB5368 Datasheet HTML 7Page - Cirrus Logic CDB5368 Datasheet HTML 8Page - Cirrus Logic CDB5368 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
DS624A1
CS5368
Description
The CS5368 is a complete 8-channel analog-to-digital converter for digital audio systems. It performs sampling, an-
alog-to-digital conversion and anti-alias filtering, generating 24-bit values for all 8-channel inputs in serial form at
sample rates up to 216 kHz per channel.
The CS5368 uses a 5th-order, multi-bit delta sigma modulator followed by low latency digital filtering and decima-
tion, which removes the need for an external anti-aliasing filter. The ADC uses a differential input architecture which
provides excellent noise rejection.
Dedicated level translators for the Serial Port and Control Port allow seamless interfacing between the CS5368 and
other devices operating over a wide range of logic levels. In addition, an on-chip oscillator driver provides clocking
flexibility and simplifies design.
The CS5368 is the industry’s first audio A/D to support a high-speed TDM interface which provides a serial output
of 8 channels of audio data with sample rates up to 216 kHz within a single data stream. It further reduces layout
complexity and relieves input/output constraints in digital signal processors.
The CS5368 is ideal for high-end and pro-audio systems requiring unrivaled sound quality, transparent conversion,
wide dynamic range and negligible distortion, such as A/V receivers, digital mixing consoles, multi-channel record-
ers, outboard converters, digital effect processors, and automotive audio systems.
ORDERING INFORMATION
Product
Description
Package Pb-Free
Grade
Temp Range
Container
Order #
CS5368
114dB, 192kHz,
8-channel A/D Con-
verter
48-pin
LQFP
YES
Commercial
-10° to +85°C
Tray
CS5368-CQZ
Tape & Reel
CS5368-CQZR
Automotive
-40° to +85°C
Tray
CS5368-DQZ
Tape & Reel
CS5368-DQZR
CDB5368
Evaluation Board for CS5368
CDB5368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com