Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB5368 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CDB5368
Description  114 dB, 192 kHz, 8-Channel A/D Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB5368 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CDB5368 Datasheet HTML 17Page - Cirrus Logic CDB5368 Datasheet HTML 18Page - Cirrus Logic CDB5368 Datasheet HTML 19Page - Cirrus Logic CDB5368 Datasheet HTML 20Page - Cirrus Logic CDB5368 Datasheet HTML 21Page - Cirrus Logic CDB5368 Datasheet HTML 22Page - Cirrus Logic CDB5368 Datasheet HTML 23Page - Cirrus Logic CDB5368 Datasheet HTML 24Page - Cirrus Logic CDB5368 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
DS624A1
25
CS5368
4. APPLICATIONS
4.1
Power
For convenient interfacing to external devices, there are five independent power pins for the CS5368. VD
powers the digital core. VA powers the analog core. VLS powers the Serial Audio Interface. VLC powers
the control logic. VX powers the crystal oscillator. The power pins may have any supported voltage range
of the specified voltages supplied simultaneously.
To meet full performance specifications, the CS5368 requires normal low noise board layout. The “Typical
Connection Diagram” on page 23 shows the recommended power arrangements, with VA connected to a
clean supply. VD, which powers the digital filter, may be run from the system logic supply, or it may be pow-
ered from the analog supply via a single-pole decoupling filter.
Decoupling capacitors should be placed as near to the ADC as possible, with the lower value high frequency
capacitors being placed nearest to the device leads. Clocks should be kept away from the FILT+ and VQ
pins in order to avoid unwanted coupling into the device. The FILT+ and VQ decoupling capacitors must be
positioned to minimize the electrical path to ground.
The CDB5368 evaluation board demonstrates an optimum layout for the device.
4.2
Clocking
The device supports clocking through the use of either an on-board crystal oscillator driver or an externally
supplied clock. When using the on-board crystal driver, the topology shown in Figure 8. "Crystal Oscillator
Topology" must be used. The crystal oscillator manufacturer supplies recommended capacitor values.
Figure 8. Crystal Oscillator Topology
When using the on-board crystal oscillator driver, the XTI pin is the input for the Master clock (MCLK) to the
device. The XTO pin must not be used to drive anything other than the oscillator tank circuitry. Instead, a
buffered copy of XTI is available on the MCLK pin, which is level controlled by VLS and may be used to
synchronize other parts to the device.
If an external clock is used, the XTI and XTO pins must be grounded, and the MCLK pin becomes an input
for the system Master clock.
The CS5368 provides on board master clock dividers that precede all other internal clocking. The available
dividers are divide by 1, 1.5, 2, 3, 4.
XTI
XTO
22
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com