Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5501 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 12Page - Cirrus Logic CS5501 Datasheet HTML 13Page - Cirrus Logic CS5501 Datasheet HTML 14Page - Cirrus Logic CS5501 Datasheet HTML 15Page - Cirrus Logic CS5501 Datasheet HTML 16Page - Cirrus Logic CS5501 Datasheet HTML 17Page - Cirrus Logic CS5501 Datasheet HTML 18Page - Cirrus Logic CS5501 Datasheet HTML 19Page - Cirrus Logic CS5501 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
provide data output in UART compatible format.
The baud rate of the SDATA output will be deter-
mined by the rate of the SCLK input. The data
which is output of the SDATA pin will be format-
ted such that it will contain two 11 bit data
packets. Each packet includes one start bit, eight
data bits, and two stop bits. The packet which car-
ries the most-significant-byte data will be output
first, with its lsb being the first data bit output
after the start bit.
In this mode, DRDY will occur every 1024 clock
cycles. If the serial port is not outputting a data
byte, DRDY will return high after 1020 clock cy-
cles and remain high for 4 clock cycles. DRDY
will then go low to indicate that an update to the
serial output port with a new 16 bit word has oc-
curred. To initiate a transmission from the port the
CS line must be taken low. Then SCLK, which is
an input in this mode, must transition from a high
to a low to latch the state of CS internal to the
CS5501. Once CS is recognized and latched as a
low, the port will begin to output data. Figure 7
details the timing for this output. CS can be re-
turned high before the end of the 11-bit
transmission and the transmission will continue
until the second stop bit of the first 11-bit packet
is output. The SDATA output will go into a high
impedance state after the second stop bit is output.
To obtain the second 11-bit packet CS must again
be brought low before DRDY goes high or the
second 11-bit data packet will be overwritten with
a serial port update. For the second 11-bit packet,
CS need only to go low for 50 ns; it need not be
latched by a falling edge of SCLK. Alternately,
the CS line can be taken low and held low until
both 11-bit data packets are output. This is the
preferred method of control as it will prevent los-
ing the second 11-bit data packet if the port is
updated. Some serial data rates can be quite slow
compared to the rate at which the CS5501 can up-
date its output port. A slow data rate will leave
only a short period of time to start the second 11-
bit packet if CS is returned high momentarily. If
CS is held low continuously (CS hard-wired to
DGND), the serial port will be updated only after
all 22 bits have been clocked out of the port.
Upon the completion of a transmission of the two
11-bit data packets the SDATA output will go into
a high impedance state. If at any time during
transmission the CS is taken back high, the cur-
rent 11-bit data packet will continue to be output.
At the end of the second stop bit of the data
packet, the SDATA output will go into a high im-
pedance state.
Linearity Performance
The CS5501/CS5503 delta-sigma converters are
like conventional charge-balance converters in
that they have no source of nonmonotonicity. The
devices therefore have no missing codes in their
transfer functions. See Figure 8 for a plot of the
SCLK (i)
SDATA (o)
DRDY (o)
CS (i)
Stop
12
Stop
Stop
12
Stop
Hi-Z
Start B8
B9
B14 B15
Start B0
B1
B6
B7
Figure 7. CS5501 Asynchronous (UART) Mode Timing
CS5501/CS5503
16
DS31F4
CS5501 CS5503
16
DS31F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com