Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS5501 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS5501
Description  Non-aliasing, 16- & 20-bit A/D Converters
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5501 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS5501 Datasheet HTML 19Page - Cirrus Logic CS5501 Datasheet HTML 20Page - Cirrus Logic CS5501 Datasheet HTML 21Page - Cirrus Logic CS5501 Datasheet HTML 22Page - Cirrus Logic CS5501 Datasheet HTML 23Page - Cirrus Logic CS5501 Datasheet HTML 24Page - Cirrus Logic CS5501 Datasheet HTML 25Page - Cirrus Logic CS5501 Datasheet HTML 26Page - Cirrus Logic CS5501 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Filtering
At the system level, the digital filter in the
CS5501/CS5503 can be modeled exactly like
an analog filter with a few minor differences.
Digital filtering resides behind the A/D conver-
sion and can thus reject noise injected during
the conversion process (i.e. power supply rip-
ple, voltage reference noise, or noise in the
ADC itself). Analog filtering cannot.
Also, since digital filtering resides behind the
A/D converter, noise riding unfiltered on a
near-full-scale input could potentially over-
range the ADC. In contrast, analog filtering
removes the noise before it ever reaches the
co nv er ter. To ad dr ess th is issu e , t h e
CS5501/CS5503 each contain an analog modu-
lator and digital filter which reserve headroom
such that the device can process signals with
100mV "excursions" above full-scale and still
output accurately converted and filtered data.
Filtered input signals above full-scale still result
in an output of all ones.
The digital filter’s corner frequency occurs at
CLKIN/409,600, where CLKIN is the master
clock frequency. With a 4.096MHz clock, the
filter corner is at 10Hz and the output register is
updated at a 4kHz rate. CLKIN frequency can be
reduced with a proportional reduction in the filter
corner frequency and in the update rate to the out-
put register. A plot of the filter response is shown
in the specification tables section of this data
sheet.
Both the CS5501/CS5503 employ internal digi-
tal filtering which creates a 6-pole Gaussian
relationship. With the corner
frequency set at
1 0 H z fo r m i n i mi zed s e tt li n g t i m e , th e
CS5501/CS5503 offer approximately 55dB re-
jection at 60Hz to signals coming into either
the AIN or VREF pins. With a 5Hz cut-off,
60Hz rejection increases to more than 90dB.
The digital filter (rather than the analog modula-
tor) dominates the converters’ settling for
step-function inputs. Figure 13 illustrates the set-
tling characteristics of the filter. The vertical axis
is normalized to the input step size. The horizon-
tal axis is in filter cycles. With a full scale input
step (2.5 V in unipolar mode) the output will ex-
hibit an overshoot of about 0.25 LSB16 in the
CS5501 and 4 LSB20 in the CS5503.
(a) Settling Time Due to Input Step Change
(b) Expanded Version of (a)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
See (b) for
expanded view
Vertical scale normalized
to input step size
Filter Cycles (1024 CLKIN cycles)
050
100
150
200
250
300
350
400
450
500
1.00000381
0.99999850
Vertical scale normalized
to input step size
Settling response is monotonically
increasing from zero to here, and
then exhibits one overshoot and
one undershoot as shown.
0.9999875
0.9999900
0.9999925
0.9999950
0.9999975
1.0000000
1.0000025
1.0000050
1.0000075
1.0000100
1.0000125
Filter Cycles (1024 CLKIN cycles)
500
530
560
590
620
650
680
710
740
CS5501/CS5503
DS31F4
23
CS5501 CS5503
DS31F5
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com