Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42436 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 45Page - Cirrus Logic CS42436 Datasheet HTML 46Page - Cirrus Logic CS42436 Datasheet HTML 47Page - Cirrus Logic CS42436 Datasheet HTML 48Page - Cirrus Logic CS42436 Datasheet HTML 49Page - Cirrus Logic CS42436 Datasheet HTML 50Page - Cirrus Logic CS42436 Datasheet HTML 51Page - Cirrus Logic CS42436 Datasheet HTML 52Page - Cirrus Logic CS42436 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
DS647PP2
49
7.7.4
MUTE ADC SERIAL PORT (MUTE ADC_SP)
Default = 0
0 - Disabled
1 - Enabled
Function:
When enabled, the ADC Serial Port will be muted.
7.8
DAC CHANNEL MUTE (ADDRESS 07H)
7.8.1
INDEPENDENT CHANNEL MUTE (AOUTX_MUTE)
Default = 0
0 - Disabled
1 - Enabled
Function:
The respective Digital-to-Analog converter outputs of the CS42436 will mute when enabled. The qui-
escent voltage on the outputs will be retained. The muting function is affected by the DAC Soft and
Zero Cross bits (DAC_SZC[1:0]).
7.9
AOUTX VOLUME CONTROL (ADDRESSES 08H-0D)
7.9.1
VOLUME CONTROL (AOUTX_VOL[7:0])
Default = 00h
Function:
The AOUTx Volume Control registers allow independent setting of the signal levels in 0.5 dB incre-
ments from 0 dB to -127.5 dB. Volume settings are decoded as shown in Table 8. The volume chang-
es are implemented as dictated by the Soft and Zero Cross bits (DAC_SZC[1:0]). All volume settings
less than -127.5 dB are equivalent to enabling the AOUTx_MUTE bit for the given channel.
7
654
32
10
Reserved
Reserved
AOUT6_MUTE
AOUT5_MUTE
AOUT4_MUTE
AOUT3_MUTE
AOUT2_MUTE
AOUT1_MUTE
7
654
32
10
AOUTx_VOL7
AOUTx_VOL6
AOUTx_VOL5
AOUTx_VOL4
AOUTx_VOL3
AOUTx_VOL2
AOUTx_VOL1
AOUTx_VOL0
Binary Code
Volume Setting
00000000
0 dB
00101000
-20 dB
01010000
-40 dB
01111000
-60 dB
10110100
-90 dB
Table 8. Example AOUT Volume Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com