Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42436 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS42436
Description  108 dB, 192 kHz 6-in, 6-out TDM CODEC
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42436 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS42436 Datasheet HTML 26Page - Cirrus Logic CS42436 Datasheet HTML 27Page - Cirrus Logic CS42436 Datasheet HTML 28Page - Cirrus Logic CS42436 Datasheet HTML 29Page - Cirrus Logic CS42436 Datasheet HTML 30Page - Cirrus Logic CS42436 Datasheet HTML 31Page - Cirrus Logic CS42436 Datasheet HTML 32Page - Cirrus Logic CS42436 Datasheet HTML 33Page - Cirrus Logic CS42436 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
30
DS647PP2
Software Mode
Single-Ended mode is selected using the ADC3_SINGLE bit. Analog input selection is then
made via the AINx_MUX bits. See register “ADC Control & DAC De-emphasis (address 05h)”
on page 46 for all bit selections. Refer to Figure 10 on page 29 for the internal ADC3 analog input
topology.
5.2.3 High Pass Filter and DC Offset Calibration
The high pass filter continuously subtracts a measure of the DC offset from the output of the dec-
imation filter. If the high pass filter is disabled during normal operation, the current value of the
DC offset for the corresponding channel is frozen and this DC offset will continue to be subtract-
ed from the conversion result. This feature makes it possible to perform a system DC offset cal-
ibration by:
1) Running the CS42436 with the high pass filter enabled until the filter settles. See the Digital
Filter Characteristics for filter settling time.
2) Disabling the high pass filter and freezing the stored DC offset.
Hardware Mode
The high pass filters for ADC1 and ADC2 are permanently enabled in Hardware Mode. The high
pass filter for ADC3 is enabled by driving the ADC3_HPF (pin 4) high.
Software Mode
The high pass filter for ADC1/ADC2 can be enabled and disabled. The high pass filter for ADC3
can be independently enabled and disabled. The high pass filters are controlled using the
HPF_FREEZE bit in the register “ADC Control & DAC De-emphasis (address 05h)” on page 46.
Configuration Setting
AIN5 Input Selection
ADC_SDOUT
(pin 13)
AIN5_MUX
(pin 1)
47 k
Ω Pull-down
X
Differential Input (pins 50 & 49)
47 k
Ω Pull-up
Low
AIN5A Input (pin 50)
47 k
Ω Pull-up
High
AIN5B Input (pin 49)
Table 3. AIN5 Analog Input Selection
Configuration Setting
AIN6 Input Selection
ADC_SDOUT
(pin 13)
AIN6_MUX
(pin 2)
47 k
Ω Pull-down
X
Differential Input (pins 52 & 51)
47 k
Ω Pull-up
Low
AIN5A Input (pin 52)
47 k
Ω Pull-up
High
AIN5B Input (pin 51)
Table 4. AIN6 Analog Input Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com