Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848C Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848C
Description  PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP83848C Datasheet HTML 41Page - National Semiconductor (TI) DP83848C Datasheet HTML 42Page - National Semiconductor (TI) DP83848C Datasheet HTML 43Page - National Semiconductor (TI) DP83848C Datasheet HTML 44Page - National Semiconductor (TI) DP83848C Datasheet HTML 45Page - National Semiconductor (TI) DP83848C Datasheet HTML 46Page - National Semiconductor (TI) DP83848C Datasheet HTML 47Page - National Semiconductor (TI) DP83848C Datasheet HTML 48Page - National Semiconductor (TI) DP83848C Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 82 page
background image
45
www.national.com
11
ASM_DIR
0, RW
Asymmetric PAUSE Support for Full Duplex Links:
The ASM_DIR bit indicates that asymmetric PAUSE is supported.
Encoding and resolution of PAUSE bits is defined in IEEE 802.3
Annex 28B, Tables 28B-2 and 28B-3, respectively. Pause resolu-
tion status is reported in PHYCR[13:12].
1 = Advertise that the DTE (MAC) has implemented both the op-
tional MAC control sublayer and the pause function as specified in
clause 31 and annex 31B of 802.3u.
0= No MAC based full duplex flow control.
10
PAUSE
0, RW
PAUSE Support for Full Duplex Links:
The PAUSE bit indicates that the device is capable of providing the
symmetric PAUSE functions as defined in Annex 31B.
Encoding and resolution of PAUSE bits is defined in IEEE 802.3
Annex 28B, Tables 28B-2 and 28B-3, respectively. Pause resolu-
tion status is reported in PHYCR[13:12].
1 = Advertise that the DTE (MAC) has implemented both the op-
tional MAC control sublayer and the pause function as specified in
clause 31 and annex 31B of 802.3u.
0= No MAC based full duplex flow control.
9
T4
0, RO/P
100BASE-T4 Support:
1= 100BASE-T4 is supported by the local device.
0 = 100BASE-T4 not supported.
8
TX_FD
Strap, RW
100BASE-TX Full Duplex Support:
1 = 100BASE-TX Full Duplex is supported by the local device.
0 = 100BASE-TX Full Duplex not supported.
7
TX
Strap, RW
100BASE-TX Support:
1 = 100BASE-TX is supported by the local device.
0 = 100BASE-TX not supported.
6
10_FD
Strap, RW
10BASE-T Full Duplex Support:
1 = 10BASE-T Full Duplex is supported by the local device.
0 = 10BASE-T Full Duplex not supported.
5
10
Strap, RW
10BASE-T Support:
1 = 10BASE-T is supported by the local device.
0 = 10BASE-T not supported.
4:0
Selector
<00001>, RW
Protocol Selection Bits:
These bits contain the binary encoded protocol selector supported
by this port. <00001> indicates that this device supports IEEE
802.3u.
Table 15. Negotiation Advertisement Register (ANAR), address 0x04 (Continued)
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com