Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83848C Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DP83848C
Description  PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83848C Datasheet HTML 48Page - National Semiconductor (TI) DP83848C Datasheet HTML 49Page - National Semiconductor (TI) DP83848C Datasheet HTML 50Page - National Semiconductor (TI) DP83848C Datasheet HTML 51Page - National Semiconductor (TI) DP83848C Datasheet HTML 52Page - National Semiconductor (TI) DP83848C Datasheet HTML 53Page - National Semiconductor (TI) DP83848C Datasheet HTML 54Page - National Semiconductor (TI) DP83848C Datasheet HTML 55Page - National Semiconductor (TI) DP83848C Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 82 page
background image
52
www.national.com
7.2.3 MII Interrupt Status and Misc. Control Register (MISR)
This register contains event status and enables for the interrupt function. If an event has occurred since the last read of
this register, the corresponding status bit will be set. If the corresponding enable bit in the register is set, an interrupt
will be generated if the event occurs. The MICR register controls must also be set to allow interrupts. The status indi-
cations in this register will be set even if the interrupt is not enabled
Table 22. MII Interrupt Status and Misc. Control Register (MISR), address 0x12
15
Reserved
0, RO
RESERVED: Writes ignored, Read as 0
14
ED_INT
0, RO/COR
Energy Detect interrupt:
1 = Energy detect interrupt is pending and is cleared by the current
read.
0 = No energy detect interrupt pending.
13
LINK_INT
0, RO/COR
Change of Link Status interrupt:
1 = Change of link status interrupt is pending and is cleared by the
current read.
0 = No change of link status interrupt pending.
12
SPD_INT
0, RO/COR
Change of speed status interrupt:
1 = Speed status change interrupt is pending and is cleared by the
current read.
0 = No speed status change interrupt pending.
11
DUP_INT
0, RO/COR
Change of duplex status interrupt:
1 = Duplex status change interrupt is pending and is cleared by
the current read.
0 = No duplex status change interrupt pending.
10
ANC_INT
0, RO/COR
Auto-Negotiation Complete interrupt:
1 = Auto-negotiation complete interrupt is pending and is cleared
by the current read.
0 = No Auto-negotiation complete interrupt pending.
9
FHF_INT
0, RO/COR
False Carrier Counter half-full interrupt:
1 = False carrier counter half-full interrupt is pending and is
cleared by the current read.
0 = No false carrier counter half-full interrupt pending.
8
RHF_INT
0, RO/COR
Receive Error Counter half-full interrupt:
1 = Receive error counter half-full interrupt is pending and is
cleared by the current read.
0 = No receive error carrier counter half-full interrupt pending.
7
RESERVED
0, RO
RESERVED: Writes ignored, Read as 0
6
ED_INT_EN
0, RW
Enable Interrupt on energy detect event
5
LINK_INT_EN
0, RW
Enable Interrupt on change of link status
4
SPD_INT_EN
0, RW
Enable Interrupt on change of speed status
3
DUP_INT_EN
0, RW
Enable Interrupt on change of duplex status
2
ANC_INT_EN
0, RW
Enable Interrupt on Auto-negotiation complete event
1
FHF_INT_EN
0, RW
Enable Interrupt on False Carrier Counter Register half-full event
0
RHF_INT_EN
0, RW
Enable Interrupt on Receive Error Counter Register half-full event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com