Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4351NETR Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX4351NETR
Description  9A Low Side SiC MOSFET & IGBT Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4351NETR Datasheet(HTML) 1 Page - IXYS Corporation

  IX4351NETR Datasheet HTML 1Page - IXYS Corporation IX4351NETR Datasheet HTML 2Page - IXYS Corporation IX4351NETR Datasheet HTML 3Page - IXYS Corporation IX4351NETR Datasheet HTML 4Page - IXYS Corporation IX4351NETR Datasheet HTML 5Page - IXYS Corporation IX4351NETR Datasheet HTML 6Page - IXYS Corporation IX4351NETR Datasheet HTML 7Page - IXYS Corporation IX4351NETR Datasheet HTML 8Page - IXYS Corporation IX4351NETR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX4351NE-R01
www.ixysic.com
1
Features
Separate 9A peak source and sink outputs
Operating Voltage Range: -10V to +25V
Internal negative charge pump regulator for
selectable negative gate drive bias
Desaturation detection with soft shutdown sink driver
TTL and CMOS compatible input
Under Voltage lockout (UVLO)
Thermal shutdown
Open drain FAULT output
Applications
Driving SiC MOSFETs and IGBTs
On-board charger and DC charging station
Industrial inverters
PFC, AC/DC and DC/DC converters
IX4351 Functional Block Diagram
Description
The IX4351NE is designed specifically to drive SiC
MOSFETs and high power IGBTs. Separate 9A
source and sink outputs allow for tailored turn-on and
turn-off timing while minimizing switching losses. An
internal negative charge regulator provides a
selectable negative gate drive bias for improved dV/dt
immunity and faster turn-off.
Desaturation detection circuitry detects an over
current condition of the SiC MOSFET and initiates a
soft turn off, thus preventing a potentially damaging
dV/dt event. The logic input is TTL and CMOS
compatible; this input does not need to be level shifted
even with a negative gate drive bias voltage.
Protection features include UVLO and thermal
shutdown detection. An open drain FAULT output
signals a fault condition to the microcontroller.
The IX4351NE is rated for operational temperature
range of -40°C to +125°C,and is available in a
thermally enhanced 16-pin power SOIC package.
Ordering Information
Charge
Pump
Control
Gate and
Control
Logic
4.6V
Regulator
IN
FAULT
V
DD
V
REG
SET
GND
COM
CAP
V
DD
2.6V
INSOFT
V
SS
OUTSOFT
V
SS
OUTSNK
OUTSRC
V
DD
DESAT
6.8V
V
DD
15
10
2
3
4
1
16
14
13
12
11
7
5
6
8
9
V
DD
V
SS
Part
Description
IX4351NE
16-Pin power SOIC with exposed thermal pad.
In tubes (50/Tube)
IX4351NETR
16-Pin power SOIC with exposed thermal pad.
In Tape & Reel (2000/Reel)
IX4351NE
9A Low Side SiC
MOSFET & IGBT Driver


Similar Part No. - IX4351NETR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
IX4310TTR-TP TECHPUBLIC-IX4310TTR-TP Datasheet
4Mb / 7P
Single-Channel, High-Speed, Low-side Gate Driver
logo
IXYS Corporation
IX4340 IXYS-IX4340 Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
IX4340N IXYS-IX4340N Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
IX4340NE IXYS-IX4340NE Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
IX4340NETR IXYS-IX4340NETR Datasheet
250Kb / 10P
5-Ampere, Dual Low-Side MOSFET Driver
More results

Similar Description - IX4351NETR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4421 MICREL-MIC4421 Datasheet
110Kb / 10P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421A MICREL-MIC4421A Datasheet
393Kb / 13P
9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4421 MICREL-MIC4421_05 Datasheet
237Kb / 12P
9A-Peak Low-Side MOSFET Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
Single 9A High-Speed, Low-Side Gate Driver
logo
MIC GROUP RECTIFIERS
MIC4421 MIC-MIC4421_11 Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
Single 9A High-Speed, Low-Side Gate Driver
logo
Micrel Semiconductor
MIC4422YN MICREL-MIC4422YN Datasheet
241Kb / 12P
9A-Peak Low-Side MOSFET Driver
logo
IXYS Corporation
IXDN430MCI IXYS-IXDN430MCI Datasheet
619Kb / 12P
30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
logo
AiT Semiconductor Inc.
AG2101 AITSEMI-AG2101 Datasheet
585Kb / 8P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
AG2113 AITSEMI-AG2113 Datasheet
888Kb / 16P
MOSFET/IGBT GATE DRIVER HIGH AND LOW SIDE DRIVER
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com