Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC852TZT50 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC852TZT50
Description  Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC852TZT50 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC852TZT50 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC852TZT50 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
MPC852T Hardware Specifications, Rev. 3.1
Freescale Semiconductor
53
CPM Electrical Characteristics
14.7 SPI Master AC Electrical Specifications
Table 23 provides the SPI master timings as shown in Figure 54 and Figure 55.
Figure 54. SPI Master (CP = 0) Timing Diagram
Table 23. SPI Master Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
160
MASTER cycle time
4
1024
tcyc
161
MASTER clock (SCK) high or low time
2
512
tcyc
162
MASTER data setup time (inputs)
15
—
ns
163
Master data hold time (inputs)
0
—
ns
164
Master data valid (after SCK edge)
—
10
ns
165
Master data hold time (outputs)
0
—
ns
166
Rise time output
—
15
ns
167
Fall time output
—
15
ns
SPIMOSI
(Output)
SPICLK
(CI=0)
(Output)
SPICLK
(CI=1)
(Output)
SPIMISO
(Input)
162
Data
166
167
161
161
160
msb
lsb
msb
msb
Data
lsb
msb
167
166
163
166
167
165
164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com