Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 173 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 173 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 169Page - STMicroelectronics ST92195C Datasheet HTML 170Page - STMicroelectronics ST92195C Datasheet HTML 171Page - STMicroelectronics ST92195C Datasheet HTML 172Page - STMicroelectronics ST92195C Datasheet HTML 173Page - STMicroelectronics ST92195C Datasheet HTML 174Page - STMicroelectronics ST92195C Datasheet HTML 175Page - STMicroelectronics ST92195C Datasheet HTML 176Page - STMicroelectronics ST92195C Datasheet HTML 177Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 249 page
background image
173/249
ST92195C/D - VPS & WSS SLICER
VPS & WSS SLICER (Cont’d)
DUPLICATE WSS DATA AND STATUS REGIS-
TER (WSSDS4R)
R251- Read Only
Register Page: 6
Reset value: 0000 0000 (00h)
Bit 7 = WSS2X: WSS has been received 2X (2
times). This bit is set when a second line of WSS
has been saved in registers VPS0A - VPS0C.
Bit 6:5 = Reserved.
Bit 4 = GP2ERF2: This bit is set when any of the
Group 2 bits (WSS[3:0]) are received with a bi-
phase error.
Bit 3:0 = WSS2[7:4]:
WSS Enhanced Service Bits
DUPLICATE
WSS
DATA
REGISTER
(WSSDS5R)
R252 - Read Only
Register Page: 6
Reset value: 0000 0000 (00h)
Bit 7 = GP3ERF2: This bit is set when any of the
Group 3 bits WSS[3:0] are received with a bi-
phase error.
Bit 6:4 = WSS2[10:8]: WSS Subtitle Bits
Bit 3 = GP4ERF2: This bit is set when any of the
Group 4 bits (WSS[3:0]) are received with a bi-
phase error.
Bit 2:0 = Reserved bits.
70
WSS2X
x
x
GP2ERF2 WSS2(7) WSS2(6) WSS2(5) WSS2(4)
70
GP3
ERF2
WSS2(10) WSS2(9) WSS2(8)
GP4
ERF2
xxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com