Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 174 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 174 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 170Page - STMicroelectronics ST92195C Datasheet HTML 171Page - STMicroelectronics ST92195C Datasheet HTML 172Page - STMicroelectronics ST92195C Datasheet HTML 173Page - STMicroelectronics ST92195C Datasheet HTML 174Page - STMicroelectronics ST92195C Datasheet HTML 175Page - STMicroelectronics ST92195C Datasheet HTML 176Page - STMicroelectronics ST92195C Datasheet HTML 177Page - STMicroelectronics ST92195C Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 249 page
background image
174/249
ST92195C/D - SERIAL PERIPHERAL INTERFACE (SPI)
7.9 SERIAL PERIPHERAL INTERFACE (SPI)
7.9.1 Introduction
The Serial Peripheral Interface (SPI) is a general
purpose on-chip shift register peripheral. It allows
communication with external peripherals via an
SPI protocol bus.
In addition, special operating modes allow re-
duced software overhead when implementing I2C-
bus and IM-bus communication standards.
The SPI uses up to 3 pins: Serial Data In (SDI),
Serial Data Out (SDO) and Synchronous Serial
Clock (SCK). Additional I/O pins may act as device
selects or IM-bus address identifier signals.
The main features are:
s
Full duplex synchronous transfer if 3 I/O pins are
used
s
Master operation only
s
4 Programmable bit rates
s
Programmable clock polarity and phase
s
Busy Flag
s
End of transmission interrupt
s
Additional hardware to facilitate more complex
protocols
7.9.2 Device-Specific Options
Depending on the ST9 variant and package type,
the SPI interface signals may not be connected to
separate external pins. Refer to the Peripheral
Configuration Chapter for the device pin-out.
Figure 93. Block Diagram
n
READ BUFFER
SERIAL PERIPHERAL INTERFACE DATA REGISTER
( SPIDR )
POLARITY
PHASE
BAUD RATE
MULTIPLEXER
ST9 INTERRUPT
TRANSMISSION
END OF
SPEN BMS
ARB BUSY CPOL CPHA SPR1 SPR0
DATA BUS
R254
INTCLK
SERIAL PERIPHERAL CONTROL REGISTER ( SPICR )
R253
SDO
SDI SCK/INT2
VR000347
10
INT2
INTERNAL
SERIAL
CLOCK
TO MSPI
CONTROL
LOGIC
INTB0
*
* Common for Transmit and Receive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com