Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST92195C Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST92195C
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST92195C Datasheet HTML 172Page - STMicroelectronics ST92195C Datasheet HTML 173Page - STMicroelectronics ST92195C Datasheet HTML 174Page - STMicroelectronics ST92195C Datasheet HTML 175Page - STMicroelectronics ST92195C Datasheet HTML 176Page - STMicroelectronics ST92195C Datasheet HTML 177Page - STMicroelectronics ST92195C Datasheet HTML 178Page - STMicroelectronics ST92195C Datasheet HTML 179Page - STMicroelectronics ST92195C Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 249 page
background image
176/249
ST92195C/D - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
Figure 95. SPI I/O Pins
n
7.9.4 Interrupt Structure
The SPI peripheral is associated with external in-
terrupt channel B0 (pin INT2). Multiplexing be-
tween the external pin and the SPI internal source
is controlled by the SPEN and BMS bits, as shown
in Table 31 Interrupt Configuration.
The two possible SPI interrupt sources are:
– End of transmission (after each byte).
– S-bus/I2C-bus start or stop condition.
Care should be taken when toggling the SPEN
and/or BMS bits from the “0,0” condition.
Before
changing the interrupt source from the external pin
to the internal function, the B0 interrupt channel
should be masked. EIMR.2 (External Interrupt
Mask Register, bit 2, IMBO) and EIPR.2 (External
Interrupt Pending Register bit 2, IMP0) should be
“0” before changing the source. This sequence of
events is to avoid the generating and reading of
spurious interrupts.
A delay instruction lasting at least 4 clock cycles
(e.g. 2 NOPs) should be inserted between the
SPEN toggle instruction and the Interrupt Pending
bit reset instruction.
The INT2 input Function is always mapped togeth-
er with the SCK input Function, to allow Start/Stop
bit detection when using S-bus/I2C-bus protocols.
A start condition occurs when SDI goes from “1” to
“0” and SCK is “1”. The Stop condition occurs
when SDI goes from “0” to “1” and SCK is “1”. For
both Stop and Start conditions, SPEN = “0” and
BMS = “1”.
Table 31. Interrupt Configuration
SPI
PORT
LATCH
SDI
SCK
INT2
SDO
SCK
SDO
SDI
INT2
BIT
PORT
LATCH
BIT
PORT
LATCH
BIT
SPEN
BMS
Interrupt Source
0
0
External channel INT2
0
1
S-bus/I2C bus start or stop condition
1
X
End of a byte transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com