Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTB1386 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTB1386
Description  Excellent DC current gain characteristics
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB1386 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTB1386 Datasheet HTML 1Page - First Silicon Co., Ltd FTB1386 Datasheet HTML 2Page - First Silicon Co., Ltd FTB1386 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2012. 01. 13
3/3
Revision No : 0
FTB1386
Fig.10 Collector-emitter saturation
voltage vs. collector current ( )
COLLECTOR CURRENT : IC
(A)
−
1 −2
−
5 −10
−
0.01−0.02
−
0.1 −0.2 −0.5
−
0.05
−
2m −5m
−
0.01
−
2
−
1
−
0.5
−
0.2
−
0.1
−
0.05
−
0.02
−
5
−
25°
C
lC/lB=50
25°
C
Ta=100°
C
Fig.11 Gain bandwidth product
vs. emitter current
EMITTER CURRENT : IE
(mA)
1
2
5
10
50 100 200 500
20
20
50
100
200
500
1 000
10
5
2
1
1000
Ta=25°C
VCE= −6V
Fig.12 Collector output capacitance
vs. collector-base voltage
COLLECTOR TO BASE VOLTAGE : VCB
(V)
−
0.1 −0.2 −0.5 −1 −2
−
5 −10 −20 −50
1000
500
200
100
50
10
20
Ta=25°C
f=1MHz
IE=
0A
Fig.13 Emitter input capacitance
vs. emitter-base voltage
EMITTER TO BASE VOLTAGE : VEB
(V)
10
20
50
100
200
500
1000
−
0.1 −0.2
−
0 5
−
1
−
2
−
5
−
10
Ta=25°C
f=1MHz
IC=
0A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com