Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 30KP
Description  30KW Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

30KP Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  30KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
30KP28A
30KP28CA
28.0
5000
31.28
33.60
50
50.0
600.0
30KP30A
30KP30CA
30.0
5000
33.51
36.00
50
55.2
543.5
30KP33A
30KP33CA
33.0
5000
36.90
39.60
50
58.5
512.8
30KP36A
30KP36CA
36.0
5000
40.20
43.20
50
61.8
485.4
30KP39A
30KP39CA
39.0
2000
43.60
46.80
20
67.2
446.4
30KP42A
30KP42CA
42.0
1000
46.90
50.40
10
72.0
416.7
30KP43A
30KP43CA
43.0
1000
48.00
51.60
10
73.0
411.0
30KP45A
30KP45CA
45.0
250
50.30
54.00
5
77.4
387.6
30KP48A
30KP48CA
48.0
150
53.60
57.60
5
81.6
367.6
30KP51A
30KP51CA
51.0
50
57.00
61.20
5
86.4
347.2
30KP54A
30KP54CA
54.0
20
60.30
64.80
5
91.4
328.2
30KP58A
30KP58CA
58.0
20
64.80
69.60
5
92.4
324.7
30KP60A
30KP60CA
60.0
15
67.00
72.00
5
102.0
294.1
30KP64A
30KP64CA
64.0
10
71.50
76.80
5
104.0
288.5
30KP66A
30KP66CA
66.0
2
73.70
79.20
5
107.0
280.4
30KP70A
30KP70CA
70.0
2
78.20
84.00
5
109.0
275.2
30KP71A
30KP71CA
71.0
2
79.30
85.20
5
111.5
269.1
30KP72A
30KP72CA
72.0
2
80.40
86.40
5
114.0
263.2
30KP75A
30KP75CA
75.0
2
83.80
90.00
5
119.4
251.3
30KP78A
30KP78CA
78.0
2
87.10
93.60
5
129.0
232.6
30KP84A
30KP84CA
84.0
2
93.80
100.80
5
139.2
215.5
30KP90A
30KP90CA
90.0
2
100.50
108.00
5
146.4
204.9
30KP96A
30KP96CA
96.0
2
107.20
115.20
5
156.0
192.3
30KP102A
30KP102CA
102.0
2
113.90
122.40
5
165.6
181.2
30KP108A
30KP108CA
108.0
2
120.60
129.60
5
175.2
171.2
30KP120A
30KP120CA
120.0
2
134.00
144.00
5
194.4
154.3
30KP132A
30KP132CA
132.0
2
147.40
158.40
5
213.0
140.8
30KP144A
30KP144CA
144.0
2
160.80
172.80
5
223.2
134.4
30KP150A
30KP150CA
150.0
2
167.60
180.00
5
233.4
128.5
30KP156A
30KP156CA
156.0
2
174.30
187.20
5
245.0
122.4
Rev :
www.leiditech.com
01.06.2014
2/5
30KP Series 30KW Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com