Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30KP Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 30KP
Description  30KW Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

30KP Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  30KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 30KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RATINGS AND V-I CHARACTERISTICS CURVES (T
A=25ºC, unless otherwise noted)
F IG .1:V - I cu rve ch aracteristics
(U n i-d irectio n al)
F IG .2:V - I cu rve ch aracteristics
(B i-d irectio n al)
IPP
V C V BR V R
V F
V
IPP
V C V BR V R
V
V C
V BR
V R
IR
IT
IR
IT
IPP
FIG.3: Pulse waveform
IPPM(%IRSM)
0
100
50
0
1.0
2.0
3.0
4.0
Peak value
150
Half value
tr=10μs
td
tr = rise time to peak value
td = decay time to half value
t(ms)
FIG.4: Pulse derating curve
PPP derating in percentage(%)
0
20
0
25
50
75
100
125
150
175
100
TA(℃)
40
60
80
SOLDERING PARAMETERS
Reflow Condition
Pb-Free assembly
(see FIG.5)
Pre
Heat
-Temperature Min (Ts(min))
+150℃
-Temperature Max(Ts(max))
+200℃
-Time (Min to Max) (ts)
60-180 secs.
Average ramp up rate (Liquid us Temp
(TL) to peak)
3℃/sec. Max
Ts(max) to TL - Ramp-up Rate
3℃/sec. Max
Reflow
-Temperature(TL)(Liquid us)
+217℃
-Temperature(tL)
60-150 secs.
Peak Temp (Tp)
+260(+0/-5)℃
Time within 5℃ of actual Peak Temp (tp)
30 secs. Max
Ramp-down Rate
6℃/sec. Max
Time 25℃ to Peak Temp (TP)
8 min. Max
Do not exceed
+260℃
FIG.5: Reflow condition
25
TS(min)
TS(max)
TL
TP
tp
tL
time to peak temperatue
Time
(t 25
to peak)
℃
Ramp-up
Ramp-down
Preheat
Critical Zone
TL to TP
ts
Rev :
www.leiditech.com
01.06.2014
4/5
30KP Series 30KW Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com