Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY29772AI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY29772AI
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29772AI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY29772AI Datasheet HTML 1Page - Cypress Semiconductor CY29772AI Datasheet HTML 2Page - Cypress Semiconductor CY29772AI Datasheet HTML 3Page - Cypress Semiconductor CY29772AI Datasheet HTML 4Page - Cypress Semiconductor CY29772AI Datasheet HTML 5Page - Cypress Semiconductor CY29772AI Datasheet HTML 6Page - Cypress Semiconductor CY29772AI Datasheet HTML 7Page - Cypress Semiconductor CY29772AI Datasheet HTML 8Page - Cypress Semiconductor CY29772AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY29772
Document #: 38-07572 Rev. *A
Page 2 of 12
Pin Description[1]
Pin
Name
I/O
Type
Description
11
XIN
I
Analog
Crystal oscillator input.
12
XOUT
O
Analog
Crystal oscillator output.
9
TCLK0
I, PU
LVCMOS
LVCMOS/LVTTL reference clock input.
10
TCLK1
I, PU
LVCMOS
LVCMOS/LVTTL reference clock input.
44, 46, 48, 50 QA(3:0)
O
LVCMOS
Clock output bank A.
32, 34, 36, 38 QB(3:0)
O
LVCMOS
Clock output bank B.
16, 18, 21, 23 QC(3:0)
O
LVCMOS
Clock output bank C.
29
FB_OUT
O
LVCMOS
Feedback clock output. Connect to FB_IN for normal operation.
31
FB_IN
I, PU
LVCMOS
Feedback clock input. Connect to FB_OUT for normal operation.
This input should be at the same voltage rail as input reference clock.
See Table 1.
25
SYNC
O
LVCMOS
Synchronous pulse output. This output is used for system synchro-
nization.
6
PLL_EN
I, PU
LVCMOS
PLL enable/bypass input. When Low, PLL is disabled/bypassed.
and the input clock connects to the output dividers.
2
MR#/OE
I, PU
LVCMOS
Master reset and Output enable/disable input. See Table 2.
8
TCLK_SEL
I, PU
LVCMOS
LVCMOS Clock reference select input. See Table 2.
7
REF_SEL
I, PU
LVCMOS
LVCMOS/LVPECL Reference select input. See Table 2.
52
VCO_SEL
I, PU
LVCMOS
VCO Operating frequency select input. See Table 2.
14
INV_CLK
I, PU
LVCMOS
QC(2,3) Phase selection input. See Table 2.
5, 26, 27
FB_SEL(2:0)
I, PU
LVCMOS
Feedback divider select input. See Table 6.
42, 43
SELA(1,0)
I, PU
LVCMOS
Frequency select input, Bank A. See Table 3.
40, 41
SELB(1,0)
I, PU
LVCMOS
Frequency select input, Bank B. See Table 4.
19, 20
SELC(1,0)
I, PU
LVCMOS
Frequency select input, Bank C. See Table 5.
3
SCLK
I, PU
LVCMOS
Serial Clock input.
4
SDATA
I, PU
LVCMOS
Serial Data input.
45, 49
VDDQA
Supply
VDD
2.5V or 3.3V Power supply for bank A output clocks.[2,3]
33, 37
VDDQB
Supply
VDD
2.5V or 3.3V Power supply for bank B output clocks.[2,3]
22, 17
VDDQC
Supply
VDD
2.5V or 3.3V Power supply for bank C output clocks.[2,3]
13
AVDD
Supply
VDD
2.5V or 3.3V Power supply for PLL.[2,3]
28
VDD
Supply
VDD
2.5V or 3.3V Power supply for core and inputs.[2,3]
1
AVSS
Supply
Ground
Analog Ground.
15, 24, 30, 35,
39, 47, 51
VSS
Supply
Ground
Common Ground.
Notes:
1. PU = Internal pull-up, PD = Internal pull-down.
2. A 0.1-
µF bypass capacitor should be placed as close as possible to each positive power pin (<0.2”). If these bypass capacitors are not close to the pins their
high-frequency filtering characteristics will be cancelled by the lead inductance of the traces.
3. AVDD and VDD pins must be connected to a power supply level that is at least equal or higher than that of VDDQA, VDDQB, and VDDQC power supply pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com