Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5293CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL5293CS
Description  Dual 300MHz Current Feedback Amplifier with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5293CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL5293CS Datasheet HTML 1Page - Intersil Corporation EL5293CS Datasheet HTML 2Page - Intersil Corporation EL5293CS Datasheet HTML 3Page - Intersil Corporation EL5293CS Datasheet HTML 4Page - Intersil Corporation EL5293CS Datasheet HTML 5Page - Intersil Corporation EL5293CS Datasheet HTML 6Page - Intersil Corporation EL5293CS Datasheet HTML 7Page - Intersil Corporation EL5293CS Datasheet HTML 8Page - Intersil Corporation EL5293CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
NOTE:
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
55
75
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-2
2
µA/V
ENABLE (EL5293A ONLY)
tEN
Enable Time
40
ns
tDIS
Disable Time
600
ns
IIHCE
CE Pin Input High Current
CE = VS+0.8
6
µA
IILCE
CE Pin Input Low Current
CE = VS-0
-0.1
µA
VIHCE
CE Input High Voltage for Power-down
VS+ - 1
V
VILCE
CE Input Low Voltage for Power-down
VS+ - 3
V
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 750Ω for AV = 1, RF = 375Ω for AV = 2, RL = 150Ω, TA = 25°C unless otherwise
specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
EL5293, EL5293A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com