Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5293CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL5293CS
Description  Dual 300MHz Current Feedback Amplifier with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5293CS Datasheet(HTML) 7 Page - Intersil Corporation

Back Button EL5293CS Datasheet HTML 3Page - Intersil Corporation EL5293CS Datasheet HTML 4Page - Intersil Corporation EL5293CS Datasheet HTML 5Page - Intersil Corporation EL5293CS Datasheet HTML 6Page - Intersil Corporation EL5293CS Datasheet HTML 7Page - Intersil Corporation EL5293CS Datasheet HTML 8Page - Intersil Corporation EL5293CS Datasheet HTML 9Page - Intersil Corporation EL5293CS Datasheet HTML 10Page - Intersil Corporation EL5293CS Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
Typical Performance Curves (Continued)
Peaking vs Temperature
2.5
2
1.5
0.5
0
-0.5
-40
10
110
160
Ambient Temperature (°C)
1
60
RL=150Ω
AV=1
AV=-1
Voltage and Current Noise vs Frequency
100
Frequency (Hz)
1k
10k
100k
10M
1M
in+
in-
en
1k
1
10
100
Closed Loop Output Impedance vs Frequency
Frequency (Hz)
100
0.001
0.1
10
0.01
1
10
0
4
8
2
6
0
Supply Voltage (V)
Supply Current vs Supply Voltage
12
210
8
6
4
100
1k
100M
1G
1M
100k
10M
10k
10
Frequency (MHz)
100
25
-10
15
20
-5
0
5
10
AV=+2
RL=150Ω
Two-Tone 3rd Order
Input Referred Intermodulation Intercept (IIP3)
AV=+2
RL=100Ω
2nd and 3rd Harmonic Distortion vs Frequency
1
Frequency (MHz)
10
100
-20
-90
-70
-30
-50
-80
-40
-60
AV=+2
VOUT=2VP-P
RL=100Ω
2nd Order
Distortion
3rd Order
Distortion
EL5293, EL5293A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com