Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8033JD Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # SI-8033JD
Description  Step-Down to 3.3 V, 1.5 A, DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8033JD Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button SI-8033JD Datasheet HTML 2Page - Allegro MicroSystems SI-8033JD Datasheet HTML 3Page - Allegro MicroSystems SI-8033JD Datasheet HTML 4Page - Allegro MicroSystems SI-8033JD Datasheet HTML 5Page - Allegro MicroSystems SI-8033JD Datasheet HTML 6Page - Allegro MicroSystems SI-8033JD Datasheet HTML 7Page - Allegro MicroSystems SI-8033JD Datasheet HTML 8Page - Allegro MicroSystems SI-8033JD Datasheet HTML 9Page - Allegro MicroSystems SI-8033JD Datasheet HTML 10Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SI-8033JD
Step-Down
to 3.3 V, 1.5 A,
DC/DC Converter
www.allegromicro.com
Switching
Regulators
7
Dimensions in Millimeters
Notes:
1. Dimensions do not include mold protrusions.
2. ( ) Is reference.
3. [ ] Is assembly out quality.
4. Heat sink side flash: 0.8 mm max.
5. Terminal finish: pure Sn, 2nd level interconnect category (e3)
6. Product weight: approximately 1.48 g
Tab Temperature
(TT) Measured Here
Recommended Land Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com