Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8033JD Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SI-8033JD
Description  Step-Down to 3.3 V, 1.5 A, DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-8033JD Datasheet(HTML) 3 Page - Allegro MicroSystems

  SI-8033JD Datasheet HTML 1Page - Allegro MicroSystems SI-8033JD Datasheet HTML 2Page - Allegro MicroSystems SI-8033JD Datasheet HTML 3Page - Allegro MicroSystems SI-8033JD Datasheet HTML 4Page - Allegro MicroSystems SI-8033JD Datasheet HTML 5Page - Allegro MicroSystems SI-8033JD Datasheet HTML 6Page - Allegro MicroSystems SI-8033JD Datasheet HTML 7Page - Allegro MicroSystems SI-8033JD Datasheet HTML 8Page - Allegro MicroSystems SI-8033JD Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SI-8033JD
Step-Down
to 3.3 V, 1.5 A,
DC/DC Converter
www.allegromicro.com
Switching
Regulators
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VI = 15 V, IO = 0.5 A (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
3.234
3.30
3.366
V
Ref. Volt. Temp. Coeff.
a
Vref
±0.5
mV/°C
Output Short-Circuit Current
I
OM
See note
1.6
A
Efficiency
η
—77
%
Operating Frequency
f
125
kHz
Line Regulation
∆V
O(
∆VI)
V
I = 8 V ~ 30 V, IO = 0.5 A
25
80
mV
Load Regulation
∆V
O(
∆IO)
V
I = 15 V, IO = 0.2 A ~ 0.8 A
10
30
mV
Quiescent Current
I
IQ
I
O = 0 A
7.0
mA
V
CE = 0.3 V
200
µA
Chip Enable Voltage
V
CE
Converter turn-off voltage
0.5
V
Soft-Start Current
I
SS
V
SS = 0 V
-100
µA
Typical values are given for circuit design information only.
Note: Output short-circuit current is at point where output voltage has decreased 5% below V
O(nom).
SI-8033JD
Test Circuit
C1 = 220 µF/50 V
C2 = 470 µF/25 V
C3 = 0.47 µF/10 V
L1 = 100 µH
D1 = Sanken SFPB-66



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com