Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4451CS Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4451CS Datasheet(HTML) 3 Page - Intersil Corporation

  EL4451CS Datasheet HTML 1Page - Intersil Corporation EL4451CS Datasheet HTML 2Page - Intersil Corporation EL4451CS Datasheet HTML 3Page - Intersil Corporation EL4451CS Datasheet HTML 4Page - Intersil Corporation EL4451CS Datasheet HTML 5Page - Intersil Corporation EL4451CS Datasheet HTML 6Page - Intersil Corporation EL4451CS Datasheet HTML 7Page - Intersil Corporation EL4451CS Datasheet HTML 8Page - Intersil Corporation EL4451CS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Test Circuit
Closed-Loop AC Electrical Specifications
Power supplies at ±12V, TA = 25°C. RL = 500Ω, CL = 15pF, VG = 1V
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNITS
BW, -3dB
-3dB small-signal bandwidth, signal input
70
MHz
BW, ±0.1dB
0.1dB flatness bandwidth, signal input
10
MHz
Peaking
Frequency response peaking
0.6
dB
BW, gain
-3dB small-signal bandwidth, gain input
70
MHz
SR
Slew rate, VOUT between -2V and +2V, RF = RG = 500Ω
400
V/µs
VN
Input referred noise voltage density
110
nV/
√Hz
dG
Differential gain error, Voffset between -0.7V and +0.7V
0.9
%
d
θ
Differential phase error, Voffset between -0.7V and +0.7V
0. 2
°
Note: For typical performance curves, RF = 0, RG = ∞, VGAIN = 1V, RL = 500Ω, and CL = 15pF unless otherwise noted.
EL4451



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com