Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4451CS Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL4451CS
Description  Wideband Variable-Gain Amplifier, Gain of 2
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4451CS Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL4451CS Datasheet HTML 2Page - Intersil Corporation EL4451CS Datasheet HTML 3Page - Intersil Corporation EL4451CS Datasheet HTML 4Page - Intersil Corporation EL4451CS Datasheet HTML 5Page - Intersil Corporation EL4451CS Datasheet HTML 6Page - Intersil Corporation EL4451CS Datasheet HTML 7Page - Intersil Corporation EL4451CS Datasheet HTML 8Page - Intersil Corporation EL4451CS Datasheet HTML 9Page - Intersil Corporation EL4451CS Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Typical Performance Curves (Continued)
Applications Information
The EL4451 is a complete two-quadrant multiplier/gain
control with 70MHz bandwidth. It has three sets of inputs; a
differential signal input VIN, a differential gain-controlling
input VGAIN, and another differential input which is used to
complete a feedback loop with the output. Here is a typical
connection:
Gain vs VGAIN
Change in
VG, 100% and VG, 0%
vs Die Temperature
VG, 0% and VG, 100%
vs Supply Voltage
Offset Voltage
vs Die Temperature
Bias Current
vs Die Temperature
Common Mode
Input Range
vs Supply Voltage
Supply Current
vs Die Temperature
Supply Current
vs Supply Voltage
14-Pin Package
Power Dissipation vs
Ambient Temperature
EL4451



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com