Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AXC2T45DTM Datasheet(PDF) 32 Page - Texas Instruments

Part # SN74AXC2T45DTM
Description  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC2T45DTM Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN74AXC2T45DTM Datasheet HTML 27Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 28Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 29Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 30Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 31Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 32Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 33Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 34Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(
0.22)
0.0325 MIN
ALL AROUND
0.0325 MAX
ALL AROUND
6X (0.2)
(0.5)
(0.78)
(R0.05) TYP
6X (0.42)
(0.27)
X2SON - 0.4 mm max height
DTM0008A
PLASTIC SMALL OUTLINE - NO LEAD
4224755/A 01/2019
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
NON SOLDER MASK
DEFINED
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE:40X
SYMM
SYMM
1
3
4
7
5
8
(45 X 0.1)
(45 X 0.75)
SEE SOLDER MASK
DETAILS
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL EDGE
EXPOSED METAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com