Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AXC2T45DTM Datasheet(PDF) 13 Page - Texas Instruments

Part # SN74AXC2T45DTM
Description  SN74AXC2T45 2-Bit Translating Transceiver with Configurable Level-Shifting
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC2T45DTM Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN74AXC2T45DTM Datasheet HTML 9Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 10Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 11Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 12Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 13Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 14Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 15Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 16Page - Texas Instruments SN74AXC2T45DTM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
SN74AXC2T45
www.ti.com
SCES880B – AUGUST 2019 – REVISED JANUARY 2020
13
Product Folder Links: SN74AXC2T45
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
The enable time is a calculated value, derived using the formula shown in the Enable Times section.
6.12 Switching Characteristics, VCCA = 2.5 ± 0.2 V
See Figure 5 and Table 1 for test circuit and loading. See Figure 6, Figure 7, and Figure 8 for measurement waveforms.
PARAMETER
FROM
TO
Test Conditions
B-Port Supply Voltage (VCCB)
UNIT
0.7 ± 0.05 V
0.8 ± 0.04 V
0.9 ± 0.045 V
1.2 ± 0.1 V
1.5 ± 0.1 V
1.8 ± 0.15 V
2.5 ± 0.2 V
3.3 ± 0.3 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
Propagation
delay
A
B
-40°C to 85°C
0.5
77
0.5
38
0.5
21
0.5
8
0.5
6
0.5
5
0.5
5
0.5
4
ns
-40°C to 125°C
0.5
77
0.5
38
0.5
21
0.5
8
0.5
6
0.5
5
0.5
5
0.5
5
B
A
-40°C to 85°C
0.5
71
0.5
28
0.5
15
0.5
7
0.5
6
0.5
5
0.5
5
0.5
4
-40°C to 125°C
0.5
71
0.5
28
0.5
15
0.5
8
0.5
6
0.5
6
0.5
5
0.5
4
tdis
Disable time
DIR
A
-40°C to 85°C
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
0.5
11
ns
-40°C to 125°C
0.5
12
0.5
12
0.5
12
0.5
12
0.5
12
0.5
12
0.5
12
0.5
12
DIR
B
-40°C to 85°C
0.5
127
0.5
88
0.5
68
0.5
25
0.5
18
0.5
15
0.5
12
0.5
11
-40°C to 125°C
0.5
127
0.5
88
0.5
69
0.5
26
0.5
19
0.5
16
0.5
12
0.5
12
ten
(1)
Enable time
DIR
A
-40°C to 85°C
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
ns
-40°C to 125°C
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
0.5
182
DIR
B
-40°C to 85°C
0.5
84
0.5
46
0.5
29
0.5
18
0.5
17
0.5
16
0.5
15
0.5
15
-40°C to 125°C
0.5
84
0.5
46
0.5
29
0.5
19
0.5
18
0.5
17
0.5
16
0.5
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com