Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSOP Datasheet(PDF) 49 Page - STMicroelectronics

Part # LSM6DSOP
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOP Datasheet(HTML) 49 Page - STMicroelectronics

Back Button LSM6DSOP Datasheet HTML 45Page - STMicroelectronics LSM6DSOP Datasheet HTML 46Page - STMicroelectronics LSM6DSOP Datasheet HTML 47Page - STMicroelectronics LSM6DSOP Datasheet HTML 48Page - STMicroelectronics LSM6DSOP Datasheet HTML 49Page - STMicroelectronics LSM6DSOP Datasheet HTML 50Page - STMicroelectronics LSM6DSOP Datasheet HTML 51Page - STMicroelectronics LSM6DSOP Datasheet HTML 52Page - STMicroelectronics LSM6DSOP Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 107 page
background image
DocID032926 Rev 5
49/107
LSM6DSOP
Register description
107
9.5
FIFO_CTRL3 (09h)
FIFO control register 3 (r/w)
Table 28. FIFO_CTRL3 register description
Table 27. FIFO_CTRL3 register
BDR_
GY_3
BDR_
GY_2
BDR_
GY_1
BDR_
GY_0
BDR_
XL_3
BDR_
XL_2
BDR_
XL_1
BDR_
XL_0
BDR_GY_[3:0]
Selects Batching Data Rate (writing frequency in FIFO) for gyroscope data.
(0000: Gyro not batched in FIFO (default);
0001: 12.5 Hz;
0010: 26 Hz;
0011: 52 Hz;
0100: 104 Hz;
0101: 208 Hz;
0110: 417 Hz;
0111: 833 Hz;
1000: 1667 Hz;
1001: 3333 Hz;
1010: 6667 Hz;
1011: 6.5 Hz;
1100-1111: not allowed)
BDR_XL_[3:0]
Selects Batching Data Rate (writing frequency in FIFO) for accelerometer data.
(0000: Accelerometer not batched in FIFO (default);
0001: 12.5 Hz;
0010: 26 Hz;
0011: 52 Hz;
0100: 104 Hz;
0101: 208 Hz;
0110: 417 Hz;
0111: 833 Hz;
1000: 1667 Hz;
1001: 3333 Hz;
1010: 6667 Hz;
1011: 1.6 Hz;
1100-1111: not allowed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com