Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM6DSOPTR Datasheet(PDF) 73 Page - STMicroelectronics

Part # LSM6DSOPTR
Description  iNEMO inertial module:always-on 3D accelerometer and 3D gyroscope
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOPTR Datasheet(HTML) 73 Page - STMicroelectronics

Back Button LSM6DSOPTR Datasheet HTML 69Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 70Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 71Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 72Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 73Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 74Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 75Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 76Page - STMicroelectronics LSM6DSOPTR Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
DocID032926 Rev 5
73/107
LSM6DSOP
Register description
107
9.41
WAKE_UP_THS (5Bh)
Wake-up configuration (r/w)
Table 114. WAKE_UP_THS register description
9.42
WAKE_UP_DUR (5Ch)
Wakeup and sleep mode functions duration setting register (r/w)
Table 116. WAKE_UP_DUR register description
Table 113. WAKE_UP_THS register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
USR_OFF
_ON_WU
WK_THS5 WK_THS4 WK_THS3 WK_THS2 WK_THS1 WK_THS0
USR_OFF_
ON_WU
Drives the low-pass filtered data with user offset correction (instead of high-pass
filtered data) to the wakeup function.
WK_THS[5:0]
Threshold for wakeup: 1 LSB weight depends on WAKE_THS_W in
WAKE_UP_DUR (5Ch). Default value: 000000
Table 115. WAKE_UP_DUR register
0(1)
1. This bit must be set to '0' for the correct operation of the device.
WAKE_
DUR1
WAKE_
DUR0
WAKE_
THS_W
SLEEP_
DUR3
SLEEP_
DUR2
SLEEP_
DUR1
SLEEP_
DUR0
WAKE_DUR[1:0]
Wake up duration event. Default: 00
1LSB = 1 ODR_time
WAKE_THS_W
Weight of 1 LSB of wakeup threshold. Default: 0
(0: 1 LSB = FS_XL / (26);
1: 1 LSB = FS_XL / (28) )
SLEEP_DUR[3:0]
Duration to go in sleep mode. Default value: 0000 (this corresponds to 16 ODR)
1 LSB = 512 ODR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com