Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF330A Datasheet(PDF) 1 Page - STMicroelectronics

Part # RHF330A
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330A Datasheet(HTML) 1 Page - STMicroelectronics

  RHF330A Datasheet HTML 1Page - STMicroelectronics RHF330A Datasheet HTML 2Page - STMicroelectronics RHF330A Datasheet HTML 3Page - STMicroelectronics RHF330A Datasheet HTML 4Page - STMicroelectronics RHF330A Datasheet HTML 5Page - STMicroelectronics RHF330A Datasheet HTML 6Page - STMicroelectronics RHF330A Datasheet HTML 7Page - STMicroelectronics RHF330A Datasheet HTML 8Page - STMicroelectronics RHF330A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Features
•
Bandwidth: 1 GHz (gain = 2)
•
Slew rate: 1800 V/μs
•
Input noise: 1.3 nV/√ Hz
•
Distortion: SFDR = -78 dBc (10 MHz, 2 Vpp)
•
100 Ω load optimized output stage
•
5 V power supply
•
ELDRS free up to 300 krad
•
SEL immune at 110 MeV.cm2/mg
•
SET characterized
•
SMD pin: 5962F07231
•
Mass: 0.45 g
Applications
•
Space data acquisition systems
•
Aerospace instrumentation
•
Nuclear and high energy physics
•
Harsh environments
•
ADC drivers
Description
The RHF330A device is a current feedback, single operational amplifier that uses
very high-speed complementary technology to provide a large bandwidth of 1 GHz in
gains of 2 while drawing only 16.6 mA of quiescent current. The RHF330A, also
offers 0.1 dB gain flatness up to 160 MHz with a gain of 2. With a slew rate of 1800
V/µs and an output stage optimized for standard 100 Ω loads, this device is highly
suitable for applications where speed and low distortion are the main requirements.
The RHF330A is mounted in a Flat-8 hermetic package.
Product status link
RHF330A
Rad-hard 1 GHz low noise operational amplifier
RHF330A
Datasheet
DS6200 - Rev 8 - February 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - RHF330A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
More results

Similar Description - RHF330A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH330 STMICROELECTRONICS-TSH330 Datasheet
503Kb / 19P
1.1 GHz Low-Noise Operational Amplifier
Jun-2005
logo
Intersil Corporation
ISL70227SRH INTERSIL-ISL70227SRH Datasheet
1Mb / 14P
36V Rad Hard Dual Precision Operational Amplifier
logo
STMicroelectronics
RHF43B STMICROELECTRONICS-RHF43B_11 Datasheet
654Kb / 16P
Rad-hard precision bipolar single operational amplifier
27-Jul-2011
RHF310 STMICROELECTRONICS-RHF310 Datasheet
467Kb / 22P
Rad-hard 400 μA high-speed operational amplifier
27-Jul-2011
RHF330 STMICROELECTRONICS-RHF330 Datasheet
748Kb / 22P
Rad-hard 1 GHz low noise operational amplifier
27-May-2010
RHF350 STMICROELECTRONICS-RHF350 Datasheet
1Mb / 23P
Rad-hard 550 MHz low noise operational amplifier
03-Aug-2012
RHF484 STMICROELECTRONICS-RHF484 Datasheet
317Kb / 18P
Rad-hard precision quad operational amplifier
26-Apr-2011
logo
Intersil Corporation
ISL70227SEH INTERSIL-ISL70227SEH Datasheet
1Mb / 18P
36V Rad Hard Dual Precision Operational Amplifier
August 24, 2012
logo
STMicroelectronics
RHF310A STMICROELECTRONICS-RHF310A Datasheet
1Mb / 25P
Rad-hard 400 μA high-speed operational amplifier
Feb-2020
RHF350A STMICROELECTRONICS-RHF350A Datasheet
1,011Kb / 26P
Rad-hard 550 MHz low noise operational amplifier
Feb-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com