Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHF330A Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHF330A
Description  Rad-hard 1 GHz low noise operational amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF330A Datasheet(HTML) 3 Page - STMicroelectronics

  RHF330A Datasheet HTML 1Page - STMicroelectronics RHF330A Datasheet HTML 2Page - STMicroelectronics RHF330A Datasheet HTML 3Page - STMicroelectronics RHF330A Datasheet HTML 4Page - STMicroelectronics RHF330A Datasheet HTML 5Page - STMicroelectronics RHF330A Datasheet HTML 6Page - STMicroelectronics RHF330A Datasheet HTML 7Page - STMicroelectronics RHF330A Datasheet HTML 8Page - STMicroelectronics RHF330A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
2
Absolute maximum ratings and operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage (voltage difference between -Vcc and Vcc pins) (1)
6
V
Vid
Differential input voltage(2)
±0.5
Vin
Input voltage range(3)
±2.5
Tstg
Storage temperature
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction to ambient area
150
°C/W
Rthjc
Thermal resistance junction to case
22
Pmax
Maximum power dissipation (at Tamb = 25 °C) for Tj = 150 °C (4)
830
mW
ESD
HBM: human body model(5)
Pins 1, 4, 5, 6, 7 and 8
2
kV
Pins 2 and 3
0.6
MM: machine model(6)
Pins 1, 4, 5, 6, 7 and 8
200
V
Pins 2 and 3
80
CDM: charged device model(7)
Pins 1, 4, 5, 6, 7 and 8
1.5
kV
Pins 2 and 3
1
Latch-up immunity
200
mA
1. All voltage values are measured with respect to the ground pin.
2. The differential voltage is the non-inverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input and output voltages must never exceed VCC + 0.3 V.
4. Short-circuits can cause excessive heating. Destructive dissipation can result from short-circuits on all amplifiers.
5. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
6. This is a minimum value. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly
between two pins of the device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
7. Charged device model: all pins and package(s) are charged together to the specified voltage and then discharged directly to
ground through only one pin.
Table 2. Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
4.5 to 5.5
V
Vicm
Common-mode input voltage
(-VCC ) + 1.5 to (VCC ) - 1.5
Tamb
Operating free-air temperature range (1)
-55 to 125
°C
1. Tj must never exceed 150 °C. P = (Tj - Tamb / Rthja = (Tj - Tcase) / Rthjc where P is the power that the RHF330A must
dissipate in the application.
RHF330A
Absolute maximum ratings and operating conditions
DS6200 - Rev 8
page 3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com