Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEF512GR Datasheet(PDF) 10 Page - STMicroelectronics

Part # STEF512GR
Description  Dual electronic fuse for 5 V and 12 V rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF512GR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STEF512GR Datasheet HTML 6Page - STMicroelectronics STEF512GR Datasheet HTML 7Page - STMicroelectronics STEF512GR Datasheet HTML 8Page - STMicroelectronics STEF512GR Datasheet HTML 9Page - STMicroelectronics STEF512GR Datasheet HTML 10Page - STMicroelectronics STEF512GR Datasheet HTML 11Page - STMicroelectronics STEF512GR Datasheet HTML 12Page - STMicroelectronics STEF512GR Datasheet HTML 13Page - STMicroelectronics STEF512GR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Figure 8. 5 V ch. voltage clamp vs. temperature
5.0
5.2
5.4
5.6
5.8
6.0
6.2
6.4
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN_5 = 8 V
Figure 9. 12 V ch. voltage clamp vs. temperature
14.8
14.9
14.9
15.0
15.0
15.1
15.1
15.2
15.2
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VIN_12 = 17 V
Figure 10. 5 V ch. UVLO vs. temperature
0.00
1.00
2.00
3.00
4.00
5.00
6.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
UVLO Rising
UVLO Falling
VIN = 0 V to 5 V
Figure 11. 12 V ch. UVLO vs. temperature
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
UVLO Rising
UVLO Falling
VIN = 0 V to 12 V
Figure 12. EN pin thresholds vs. temperature
1.00
1.20
1.40
1.60
1.80
2.00
2.20
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
Disable Rising
Disable Falling
Figure 13. EN pin current vs. temperature
2.50
3.00
3.50
4.00
4.50
5.00
-50
-25
0
25
50
75
100
125
150
Temperature [ºC]
VEN= 5 V
STEF512GR
Typical characteristics
DS13212 - Rev 2
page 10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com