Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC2011 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC2011
Description  High voltage bidirectional current sense amplifier evaluation kit based on the
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC2011 Datasheet(HTML) 1 Page - STMicroelectronics

  TSC2011 Datasheet HTML 1Page - STMicroelectronics TSC2011 Datasheet HTML 2Page - STMicroelectronics TSC2011 Datasheet HTML 3Page - STMicroelectronics TSC2011 Datasheet HTML 4Page - STMicroelectronics TSC2011 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
Wide common mode voltage range: -20 to 70 VAC
Offset voltage: ±200 μV max.
2.7 to 5.5 V supply voltage
Quiescent current: 20 μA in Shutdown mode
RoHS compliant
Description
The STEVAL-AETKT1V1 evaluation kit implements a bidirectional current sense
amplifier consisting of a sense resistor placed either on the high side or the low side.
The kit consists of a main board and a daughter board with TSC2011 high voltage,
bidirectional, current sense amplifier providing a fixed gain of 60.
The TSC2011 device implements a thin film resistor for extremely precise gain and
very high common-mode rejection ratio (CMRR) performance, even in high frequency
ranges. The device can work with an input common mode voltage well beyond the
power supply VCC range (2.7 V to 5.5 V), which is ideal for automotive and similar
applications requiring reverse battery support without consequent damage. It also
works with 48 V battery applications, as the device can support and measure the
current on line at voltages up to 70 V, no additional protective components are
required in that range. Moreover, the ability to fix the output common mode voltage
means that the device can be either used as unidirectional or bidirectional current
sensing amplifier.
The main board in the kit can accommodate other daughter boards with TSC201x
current sense amplifiers to allow testing and evaluation of different gain
configurations.
Product summary
evaluation kit for
TSC2011
bidirectional current
sense amplifier
STEVAL-
AETKT1V1
high voltage,
precision,
bidirectional current
sense amplifier
TSC2011
Applications
Automotive Motor
Control
Electro-Mobility
Factory Automation
Industrial Power
and Tools
High voltage bidirectional current sense amplifier evaluation kit based on the
TSC2011
STEVAL-AETKT1V1
Data brief
DB4135 - Rev 1 - March 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSC2011

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSC2011 TI1-TSC2011 Datasheet
268Kb / 8P
Nanopower, 4-Wire Resistive Touch and Haptic Controller with I2C??Serial Interface
logo
STMicroelectronics
TSC2011 STMICROELECTRONICS-TSC2011 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
TSC2011 STMICROELECTRONICS-TSC2011 Datasheet
2Mb / 50P
High voltage, precision, bidirectional current sense amplifiers
06-Feb-2025
TSC2011H STMICROELECTRONICS-TSC2011H Datasheet
3Mb / 49P
High temperature, high voltage, precision, bidirectional current sense amplifiers
07-Feb-2025
TSC2011HYDT STMICROELECTRONICS-TSC2011HYDT Datasheet
4Mb / 50P
High temperature, high voltage, precision, bidirectional current sense amplifiers
More results

Similar Description - TSC2011

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8418 AD-AD8418 Datasheet
300Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
REV. 0
logo
STMicroelectronics
AN4471 STMICROELECTRONICS-AN4471 Datasheet
1Mb / 39P
STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
22-Oct-2014
logo
Linear Technology
LT1999-10 LINER-LT1999-10_15 Datasheet
1,003Kb / 26P
High Voltage, Bidirectional Current Sense Amplifier
LT1999-20 LINER-LT1999-20_15 Datasheet
1,003Kb / 26P
High Voltage, Bidirectional Current Sense Amplifier
LT1999-50 LINER-LT1999-50_15 Datasheet
1,003Kb / 26P
High Voltage, Bidirectional Current Sense Amplifier
logo
STMicroelectronics
STEVAL-ISQ007V1 STMICROELECTRONICS-STEVAL-ISQ007V1 Datasheet
122Kb / 4P
High-side current-sense amplifier demonstration board based on the TSC101
12-Feb-2009
logo
Texas Instruments
INA181 TI1-INA181 Datasheet
1Mb / 32P
Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifier
logo
Analog Devices
AD8417 AD-AD8417_17 Datasheet
344Kb / 16P
Bidirectional, Zero Drift, Current Sense Amplifier
10/2017-Rev. B to Rev. C
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Analog Devices
MAX49918 AD-MAX49918 Datasheet
1Mb / 17P
Bidirectional, On-The-Fly Programmable Gain, Current-Sense Amplifier with Wide Measurement Range
19-101747; Rev 0; 9/23
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com